Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BA7603F Arkusz danych(PDF) 5 Page - Rohm

Numer części BA7603F
Szczegółowy opis  Video signal switcher
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BA7603F Arkusz danych(HTML) 5 Page - Rohm

  BA7603F Datasheet HTML 1Page - Rohm BA7603F Datasheet HTML 2Page - Rohm BA7603F Datasheet HTML 3Page - Rohm BA7603F Datasheet HTML 4Page - Rohm BA7603F Datasheet HTML 5Page - Rohm BA7603F Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Multimedia ICs
BA7603 / BA7603F
S1a
S2a
S3a
S1b
S2b
S3b
S1c
S2c
S3c
ICC
22
2
2
2
2
2
2
2
IN1a
IN2a
IN1b
IN2b
IN1C
IN2C
Vom
Vom
Vom
Vom
Vom
Vom
3
2
2
2
2
2
2
3
2
2
2
2
2
3
2
2
2
2
2
2
3
2
2
2
2
2
2
3
2
2
2
2
2
3
2
2
2
2
2
2
3
2
2
2
2
2
2
3
2
2
2
2
2
3
THD = 0.5%
IN1a
IN2a
IN1b
IN2b
IN1c
IN2c
GV
GV
GV
GV
GV
GV
3
2
2
2
2
2
2
3
2
2
2
2
2
3
2
2
2
2
2
2
3
2
2
2
2
2
2
3
2
2
2
2
2
3
2
2
2
2
2
2
3
2
2
2
2
2
2
3
2
2
2
2
2
3
f = 1kHz,
V = 1VP-P
IN1a
IN2a
IN1b
IN2b
IN1c
IN2c
2
3
2
2
2
2
3
2
2
2
2
2
2
3
2
2
2
2
2
2
2
3
2
2
2
2
3
2
2
2
2
2
2
3
2
2
2
2
2
2
2
3
2
2
2
2
3
2
2
2
2
2
2
3
f = 4.43MHz,
V = 1VP-P
IN1a
IN2a
IN1b
IN2b
IN1c
IN2c
Gf
Gf
Gf
Gf
Gf
Gf
3
2
2
2
2
2
2
3
2
2
2
2
2
3
2
2
2
2
2
2
3
2
2
2
2
2
2
3
2
2
2
2
2
3
2
2
2
2
2
2
3
2
2
2
2
2
2
3
2
2
2
2
2
3
V = 1VP-P
CTLa
CTLb
CTLc
VTH
VTH
VTH
1
2
2
2
2
2
1
2
2
2
1
2
2
2
2
2
1
2
2
2
1
2
2
2
2
2
1
f = 1kHz,
CT
CT
CT
CT
CT
CT
f = 10MHz / f = 1MHz,
Note 1
Note 2
Note 3
Note 4
Note 5
Parameter
Symbol
Switch settings
Measurement
method
Current dissipation
Maximum
output
level
Voltage
gain
Inter-
channel
crosstalk
Frequency
character-
istic
CTL pin
switching
level
Note 1: Connect a distortion meter to the output, and input a f = 1kHz sine wave. Adjust the output level until the output distortion is 0.5%.
This output voltage at this time is the maximum output level Vom (VP-P).
Note 2: Input a 1VP-P, 1MHz sine wave. The voltage gain is given by GV = 20 log (VOUT / VIN).
Note 3: Input a 1VP-P, 4.43MHz sine wave. The interchannel crosstalk is given by CT = 20 log (VOUT / VIN).
Note 4: Input 1VP-P, 1MHz and 10MHz sine waves. The frequency characteristic is given by Gf = 20 log (VOUT (f = 10MHz) / VOUT (f = 10MHz)).
Note 5: Input a 1VP-P, 1MHz sine wave. Reduce the CTL pin voltage from VCC.
The CTL pin switching level (VTH) is the CTL pin voltage at which the VOUT level drops below 20mVP-P.
Measurment conditions


Podobny numer części - BA7603F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA7603F ROHM-BA7603F Datasheet
148Kb / 5P
   Triple Circuits Video Signal Switchers
BA7603F ROHM-BA7603F Datasheet
883Kb / 9P
   Triple Circuits Video Signal Switchers
BA7603F ROHM-BA7603F Datasheet
153Kb / 5P
   Triple Circuits Video Signal, AUdio Signal Switchers
More results

Podobny opis - BA7603F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA7607 ROHM-BA7607 Datasheet
89Kb / 7P
   Video signal switcher
BA7649A ROHM-BA7649A Datasheet
65Kb / 5P
   Video signal switcher
BA7001 ROHM-BA7001 Datasheet
64Kb / 3P
   Video signal switcher
BA7606 ROHM-BA7606 Datasheet
82Kb / 6P
   Video signal switcher
BA7612N ROHM-BA7612N Datasheet
57Kb / 5P
   Video signal switcher
BA7602 ROHM-BA7602 Datasheet
75Kb / 6P
   Video signal switcher
BA7611AN ROHM-BA7611AN Datasheet
57Kb / 4P
   Video signal switcher
BA7021 ROHM-BA7021 Datasheet
67Kb / 3P
   Video signal switcher
BA7605N ROHM-BA7605N Datasheet
60Kb / 5P
   Video signal switcher
BA7613N ROHM-BA7613N Datasheet
64Kb / 5P
   Video signal switcher
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com