Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BA7631 Arkusz danych(PDF) 1 Page - Rohm

Numer części BA7631
Szczegółowy opis  Video switch for CANAL-Plus decoder
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BA7631 Arkusz danych(HTML) 1 Page - Rohm

  BA7631 Datasheet HTML 1Page - Rohm BA7631 Datasheet HTML 2Page - Rohm BA7631 Datasheet HTML 3Page - Rohm BA7631 Datasheet HTML 4Page - Rohm BA7631 Datasheet HTML 5Page - Rohm BA7631 Datasheet HTML 6Page - Rohm BA7631 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Multimedia ICs
Video switch for CANAL-Plus decoder
BA7631 / BA7631F
The BA7631 and BA7631F are audio-switching ICs for decoders for scrambled pay channels used in France and
other countries. The ICs include a five-input multiplexer, a four-input multiplexer and a two-input multiplexer, and
allow decoder audio switching to be done with a single IC. When used in combination with the BA7630S common
logic control can be used for audio and video switching.
Applications
Video cassette recorders
Features
1) All the audio-switching functions required for SECAM
CANAL -plus decoder integrated onto one chip.
2) Inputs terminated with 65k
Ω resistors.
3) Built-in output buffer.
4) Wide supply voltage range (4.5V to 13.0V).
5) Low total harmonic distortion (0.005% Typ.).
6) Wide dynamic range (3.6Vrms, VCC = 12V).
7) Same control logic as for the BA7630S can be used.
Absolute maximum ratings
Parameter
Symbol
Limits
Unit
VCC
13.5
V
mV
°C
°C
1100(DIP)
500(SOP)
– 55 ~ + 125
– 25 ~ + 70
Pd
Topr
Tstg
Reduced by 11mW (DIP) or 5mW (SOP) for each increase in Ta of 1°C over 25°C.
Applied voltage
Power dissipation
Operating temperature
Storage temperature
Recommended operating conditions (Ta = 25°C)
Parameter
Symbol
Limits
Unit
VCC
4.5 ~ 13.0
V
Power supply voltage


Podobny numer części - BA7631

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA7630F ROHM-BA7630F Datasheet
170Kb / 12P
   Video switch for CANAL-Plus decoder
BA7630S ROHM-BA7630S Datasheet
170Kb / 12P
   Video switch for CANAL-Plus decoder
BA7632 ROHM-BA7632 Datasheet
63Kb / 5P
   Video switch for CANAL-Plus decoder
BA7632AF ROHM-BA7632AF Datasheet
63Kb / 5P
   Video switch for CANAL-Plus decoder
More results

Podobny opis - BA7631

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA7632AF ROHM-BA7632AF Datasheet
63Kb / 5P
   Video switch for CANAL-Plus decoder
BA7630S ROHM-BA7630S Datasheet
170Kb / 12P
   Video switch for CANAL-Plus decoder
BH7634AS ROHM-BH7634AS Datasheet
245Kb / 12P
   Audio / video switch for CANAL - Plus decoder
logo
List of Unclassifed Man...
BH7636S ETC-BH7636S Datasheet
252Kb / 2P
   Video Switch for Canal
logo
Intersil Corporation
TW2865-LA3-GR INTERSIL-TW2865-LA3-GR Datasheet
464Kb / 2P
   4-Channel Video Decoder and Audio Codec plus Video Encoder for Security Applications
logo
Mitsubishi Electric Sem...
MM1422 MITSUBISHI-MM1422 Datasheet
312Kb / 13P
   AV Switch for I2C BUS Control, 4-input, 3-output and Canal Plus Compatible
logo
List of Unclassifed Man...
MIK2152 ETC2-MIK2152 Datasheet
384Kb / 17P
   Video Decoder
logo
Hynix Semiconductor
GDC21D401B HYNIX-GDC21D401B Datasheet
694Kb / 28P
   Video Decoder
logo
Renesas Technology Corp
TW2802 RENESAS-TW2802 Datasheet
2Mb / 81P
   Multiple Video Decoder for Security Applications
May 19, 2017
logo
Sony Corporation
CXD1930Q SONY-CXD1930Q Datasheet
42Kb / 4P
   MPEG Video Decoder
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com