Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BA7795 Arkusz danych(PDF) 3 Page - Rohm

Numer części BA7795
Szczegółowy opis  VCR standard audio signal processor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BA7795 Arkusz danych(HTML) 3 Page - Rohm

  BA7795 Datasheet HTML 1Page - Rohm BA7795 Datasheet HTML 2Page - Rohm BA7795 Datasheet HTML 3Page - Rohm BA7795 Datasheet HTML 4Page - Rohm BA7795 Datasheet HTML 5Page - Rohm BA7795 Datasheet HTML 6Page - Rohm BA7795 Datasheet HTML 7Page - Rohm BA7795 Datasheet HTML 8Page - Rohm BA7795 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Video ICs
BA7795LS / BA7795FS
Electrical characteristics (unless otherwise noted, Ta = 25°C, VCC = 9V, and f = 1kHz)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
IqEE
6.3
8.3
10.8
mA
IqPB
6.3
8.3
10.8
mA
IqREC
4.9
6.4
8.4
mA
GVCP
27.0
28.0
29.0
dB
VO = – 8dBV
GVCL
19.0
20.0
21.0
dB
VO = – 8dBV
THDL
0.1
0.3
%
VO = – 8dBV, RL = 4.7k
1
VOmL
5.0
7.2
dBV
THD = 1%, RL = 4.7k
1
VNOL
– 81.5
– 75
dBV
Rg = 4.7k
Ω, DIN AUDIO
VOA
– 7.0
– 6.0
– 5.0
dBV
R1 / R2 = 8.2 / 39k
VIN = – 23dBV
THDA
0.18
0.5
%
VIN = – 23dBV, RL = 4.7k
1
MT
– 82.5
– 72
dB
Vo = 0dBV, DIN AUDIO
GVCR
19.0
20.0
21.0
dB
THDR
0.03
0.3
%
VO = – 8dBV
VOmR
5.5
7.4
dBV
VO = – 8dBV, RL = 4.7k
1
GVOR
65
77
dB
THD = 1%, RL = 4.7k
1
GVOP
62
68
dB
VNINP
– 122.5
– 114
dBV
Rg = 680
Ω, DIN AUDIO
GVCP-L
56
57.5
59
dB
PB IN
→BF OUT
RPH
11
20
RRH
11
20
BVRHAC
80
100
VP-P
f = 70kHz
LINE, TUNER input
→REC OUT
1 Measured at BW = 400Hz to 30kHz.
When no signal
When no signal
When no signal
Quiescent current EE
Quiescent current PB
Quiescent current REC
〈Line amplifier〉
Power supply gain (PB input)
Power supply gain (LINE1, LINE2, TU inputs)
Distortion
Maximum output level
Output residual noise
ALC level
ALC distortion
Mute attenuation ratio
〈Recording amplifier〉
Voltage gain
Distortion
Maximum output level
Open loop gain
〈Playback preamplifier〉
Open loop gain
Input conversion noise
Total gain
〈Head switch〉
PB head switch impedance
REC head switch impedance
REC head switch AC withstanding voltage


Podobny numer części - BA7795

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
BA779 VISHAY-BA779 Datasheet
54Kb / 4P
   Silicon PIN Diodes
Rev. 3, 01-Apr-99
BA779 VISHAY-BA779 Datasheet
156Kb / 5P
   RF PIN Diodes - Single in SOT23
Rev. 1.7, 19-Feb-07
logo
Guangdong Kexin Industr...
BA779 KEXIN-BA779 Datasheet
35Kb / 1P
   Silicon PIN Diodes
logo
Infineon Technologies A...
BA779 INFINEON-BA779 Datasheet
62Kb / 5P
   Current-controlled RF resistor for switching and attenuating applications
2007-04-19
logo
Vishay Siliconix
BA779-2 VISHAY-BA779-2 Datasheet
98Kb / 4P
   RF PIN Diodes - Dual in SOT-23
Rev. 1.6, 14-Apr-05
More results

Podobny opis - BA7795

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA7796FS ROHM-BA7796FS Datasheet
128Kb / 10P
   VCR standard audio signal processor
BA7797F ROHM-BA7797F Datasheet
108Kb / 8P
   VCR standard audio signal processor
logo
Sanyo Semicon Device
LA7282 SANYO-LA7282 Datasheet
153Kb / 7P
   VCR Audio Signal Recording / Playback Processor
LA7285 SANYO-LA7285 Datasheet
112Kb / 7P
   VCR Audio Signal Recording and Playback Processor
LA7289 SANYO-LA7289 Datasheet
210Kb / 11P
   VCR Audio Signal Record and Playback Processor
LA7286 SANYO-LA7286 Datasheet
213Kb / 10P
   VCR Audio Signal Recording and Playback Processor?
logo
Toshiba Semiconductor
TA1246F TOSHIBA-TA1246F Datasheet
2Mb / 74P
   HI-FI AUDIO SIGNAL PROCESSOR FOR VHS VCR
logo
Sanyo Semicon Device
LA7316A-N SANYO-LA7316A-N Datasheet
127Kb / 5P
   VCR VHS Chroma Signal Processor
logo
Rohm
BH7775K ROHM-BH7775K Datasheet
226Kb / 17P
   VCR audio signal processing system
logo
Panasonic Semiconductor
AN3248NK PANASONIC-AN3248NK Datasheet
68Kb / 1P
   Luminance signal processor ic for vcr
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com