Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BA823 Arkusz danych(PDF) 1 Page - Rohm

Numer części BA823
Szczegółowy opis  8-bit, serial IN, parallel OUT driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BA823 Arkusz danych(HTML) 1 Page - Rohm

  BA823 Datasheet HTML 1Page - Rohm BA823 Datasheet HTML 2Page - Rohm BA823 Datasheet HTML 3Page - Rohm BA823 Datasheet HTML 4Page - Rohm BA823 Datasheet HTML 5Page - Rohm BA823 Datasheet HTML 6Page - Rohm BA823 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Standard ICs
8-bit, serial IN, parallel OUT driver
BA823 / BA823F
The BA823 and BA823F are 8-bit serial input, parallel output drivers. These monolithic ICs were developed as
drivers for thermal printing heads, LED character displays, and other similar applications.
Applications
Thermal printing head drivers
LED character display drivers
Features
Block diagram
Absolute maximum ratings (Ta = 25°C)
1
15
2
3
13
4
14
S
DI
C
12
11
10
9
8
7
6
5
O0
O1
O2
O3
O4
O5
O6
O7
16
VCC
GND1
GND2
GND
(Dig)
DQ
C
DQ
C
DQ
C
DQ
C
DQ
C
DQ
C
DQ
C
DQ
C
STROBE INPUT
DATA INPUT
SHIFT PULSE
DATA OUTPUT Do
1) Can drive up to 200 mA.
2) Controlling the strobe terminal with the drive timing
pulse enables current to be reduced when drive is
not being carried out.
3) Using the data output terminal for the next data input
enables cascade connections.
4) The digital ground and power ground are separated.
5) TTL and CMOS drive possible.
Parameter
Symbol
Limits
Unit
VCC
7.01
V
BA823
Pd
5502
mW
BA823F
5003
VIN Max.
+ 0.3 ~ + 6.0
V
Topr
– 20 ~ + 75
°C
Tstg
– 55 ~ + 125
°C
Power supply voltage
Power dissipation
Input voltage
Operating temperature
Storage temperature
1 O0 to O7 output pins are 34V (max.).
2 Reduced by 5.5mW for each increase in Ta of 1°C over 25°C.
3 Reduced by 5mW for each increase in Ta of 1°C over 25°C.


Podobny numer części - BA823

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA823F ROHM-BA823F Datasheet
152Kb / 6P
   8-Bit Serial-Input Parallel-Output Driver
BA823F ROHM-BA823F Datasheet
326Kb / 9P
   Serial-Parallel 3-input Driver
BA823F ROHM-BA823F_09 Datasheet
326Kb / 9P
   Serial-Parallel 3-input Driver
More results

Podobny opis - BA823

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
UPD6345 NEC-UPD6345 Datasheet
79Kb / 16P
   8 BIT SERIAL IN/PARALLEL OUT DRIVER
logo
Rohm
BA829 ROHM-BA829 Datasheet
81Kb / 7P
   8-bit, serial IN, parallel OUT driver
logo
Toshiba Semiconductor
TD6336F TOSHIBA-TD6336F Datasheet
250Kb / 6P
   8-BIT SERIAL-IN PARALLEL-OUT DRIVER
logo
Rohm
BU2050F ROHM-BU2050F Datasheet
55Kb / 6P
   8-bit serial in, parallel out driver IC
logo
Unisonic Technologies
U8C3005 UTC-U8C3005 Datasheet
190Kb / 6P
   8 BIT SERIAL-IN PARALLEL-OUT VALVE DRIVER
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Renesas Technology Corp
RD30LDT595 RENESAS-RD30LDT595 Datasheet
206Kb / 8P
   8-bit Serial-in Parallel-out LED Driver IC
logo
Rohm
BU2090 ROHM-BU2090 Datasheet
140Kb / 12P
   12-bit, serial IN, parallel OUT driver
logo
Fairchild Semiconductor
DM74LS164 FAIRCHILD-DM74LS164 Datasheet
61Kb / 5P
   8-Bit Serial In/Parallel Out Shift Register
74VHC164 FAIRCHILD-74VHC164 Datasheet
110Kb / 8P
   8-Bit Serial-In, Parallel-Out Shift Register
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com