Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BC847B Arkusz danych(PDF) 3 Page - Rohm

Numer części BC847B
Szczegółowy opis  NPN General Purpose Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BC847B Arkusz danych(HTML) 3 Page - Rohm

  BC847B Datasheet HTML 1Page - Rohm BC847B Datasheet HTML 2Page - Rohm BC847B Datasheet HTML 3Page - Rohm BC847B Datasheet HTML 4Page - Rohm BC847B Datasheet HTML 5Page - Rohm BC847B Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BC847B
Transistors
Rev.A
3/5
Ta
=25°C
VCE
=5V
f
=1kHz
0.01
1
0.1
10
100
100
1000
10
IC-COLLECTOR CURRENT (mA)
Fig.5 AC current gain vs. collector current
Ta
=25°C
IC/IB
=10
0.1
1.0
10
100
0.08
0.18
0.16
0.12
0.04
0
IC-COLLECTOR CURRENT (mA)
Fig.6 Collector-emitter saturation
voltage vs. collector current
Ta
=25°C
IC/IB
=10
0.1
1.0
10
100
0.8
1.2
1.8
1.6
0.4
0
IC-COLLECTOR CURRENT (mA)
Fig.7 Base-emitter saturation
voltage vs. collector current
Ta
=25°C
VCE
=5V
0.1
1.0
10
100
0.8
1.2
1.8
1.6
0.4
0
IC-COLLECTOR CURRENT (mA)
Fig.8 Grounded emitter propagation
characteristics
Ta
=25°C
IC/IB
=10
1.0
10
100
100
1000
10
IC-COLLECTOR CURRENT (mA)
Fig.9 Turn-on time vs. collector
current
Ta
=25°C
IC/IB
=10
1.0
10
100
100
1000
10
IC-COLLECTOR CURRENT (mA)
VCC
=40V
Fig.10 Rise time vs. collector
current
Ta
=25°C
IC
=101B1=101B2
1.0
10
100
100
1000
10
IC-COLLECTOR CURRENT (mA)
VCE
=15V
40V
3V
Fig.11 Storage time vs. collector
current


Podobny numer części - BC847B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BC847B PHILIPS-BC847B Datasheet
80Kb / 10P
   NPN general purpose transistors
2004 Feb 06
logo
Rohm
BC847B ROHM-BC847B Datasheet
86Kb / 6P
   NPN General Purpose Transistor
logo
E-Tech Electronics LTD
BC847B ETL-BC847B Datasheet
194Kb / 4P
   General Purpose Transistors
logo
First Components Intern...
BC847B FCI-BC847B Datasheet
146Kb / 1P
   NPN Silicon Planar Epitaxial Transistors
logo
Shenzhen Ping Sheng Ele...
BC847B PFS-BC847B Datasheet
210Kb / 4P
   NPN general purpose Transistor
More results

Podobny opis - BC847B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
SSTA28 ROHM-SSTA28 Datasheet
58Kb / 3P
   NPN general purpose transistor
logo
Pan Jit International I...
BC546 PANJIT-BC546 Datasheet
160Kb / 5P
   NPN GENERAL PURPOSE TRANSISTOR
logo
Weitron Technology
BC337 WEITRON-BC337 Datasheet
256Kb / 4P
   NPN General Purpose Transistor
logo
Rohm
BC848BW ROHM-BC848BW Datasheet
149Kb / 6P
   NPN General Purpose Transistor
logo
NXP Semiconductors
2PC4617J PHILIPS-2PC4617J Datasheet
40Kb / 8P
   NPN general purpose transistor
1999 May 04
2PC1815 PHILIPS-2PC1815 Datasheet
42Kb / 8P
   NPN general purpose transistor
1999 May 28
2PC4617 PHILIPS-2PC4617 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 May 21
MPSA06 PHILIPS-MPSA06 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 Apr 27
2PD1820A NXP-2PD1820A Datasheet
107Kb / 6P
   NPN general purpose transistor
1997 May 22
PMBTA06 NXP-PMBTA06 Datasheet
102Kb / 6P
   NPN general purpose transistor
2004 Jan 22
logo
Shenzhen Ping Sheng Ele...
BC846 PFS-BC846 Datasheet
210Kb / 4P
   NPN general purpose Transistor
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com