Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU4070BF Arkusz danych(PDF) 3 Page - Rohm

Numer części BU4070BF
Szczegółowy opis  Quad exclusive OR gate
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BU4070BF Arkusz danych(HTML) 3 Page - Rohm

  BU4070BF Datasheet HTML 1Page - Rohm BU4070BF Datasheet HTML 2Page - Rohm BU4070BF Datasheet HTML 3Page - Rohm BU4070BF Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Standard ICs
BU4030B / BU4030BF / BU4070B / BU4070BF
Switching characteristics (unless otherwise noted, VSS = 0V, Ta = 25°C, CL = 50 pF)
Parameter
Symbol
Min.
Typ.
Max.
Unit.
Conditions
Measurement
circuit
tTLH
180
ns
5
Fig.2
90
10
65
15
tTHL
100
ns
5
Fig.2
50
10
40
15
tPLH
175
ns
5
Fig.2
75
10
50
15
tPHL
175
ns
5
Fig.2
75
10
50
15
CI
5
pF
"L" to "H" propagation delay time
"H" to "L" propagation delay time
VDD (V)
Output rise time
Output fall time
Input capacitance
Measurement circuits
A
VDD
GND
VIN2
VIN1
VO
VO
IO
V
Fig. 1 DC characteristics measurement circuit
VDD
CL = 50pF
P.G.
20ns
tPHL
VDD
tTHL
tPLH
tTLM
Input
GND
GND
Output
20ns
Fig. 2 Switching characteristics measurement circuit


Podobny numer części - BU4070BF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU4070BF ROHM-BU4070BF Datasheet
250Kb / 6P
   Quadruple Exclusive OR gates
BU4070BF ROHM-BU4070BF Datasheet
505Kb / 22P
   High Voltage CMOS Logic ICs
BU4070BF-E2 ROHM-BU4070BF-E2 Datasheet
505Kb / 22P
   High Voltage CMOS Logic ICs
BU4070BFE2 ROHM-BU4070BFE2 Datasheet
516Kb / 22P
   High Voltage CMOS Logic ICs
BU4070BFV ROHM-BU4070BFV Datasheet
505Kb / 22P
   High Voltage CMOS Logic ICs
More results

Podobny opis - BU4070BF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
U74ACT86 UTC-U74ACT86 Datasheet
133Kb / 4P
   QUAD EXCLUSIVE OR GATE
logo
STMicroelectronics
HCC4030B STMICROELECTRONICS-HCC4030B Datasheet
276Kb / 12P
   QUAD EXCLUSIVE-OR GATE
logo
National Semiconductor ...
CD4030M NSC-CD4030M Datasheet
97Kb / 4P
   Quad EXCLUSIVE-OR Gate
logo
STMicroelectronics
M54HC86 STMICROELECTRONICS-M54HC86 Datasheet
232Kb / 9P
   QUAD EXCLUSIVE OR GATE
M74HCT86-2 STMICROELECTRONICS-M74HCT86-2 Datasheet
174Kb / 8P
   QUAD EXCLUSIVE OR GATE
logo
Toshiba Semiconductor
TC74HCT86AP TOSHIBA-TC74HCT86AP Datasheet
175Kb / 4P
   QUAD EXCLUSIVE OR GATE
TC74LVX86F TOSHIBA-TC74LVX86F Datasheet
240Kb / 8P
   QUAD EXCLUSIVE OR GATE
logo
STMicroelectronics
74LVQ86 STMICROELECTRONICS-74LVQ86 Datasheet
57Kb / 8P
   QUAD EXCLUSIVE OR GATE
February 1999
logo
Motorola, Inc
MC10113 MOTOROLA-MC10113 Datasheet
104Kb / 5P
   Quad Exclusive OR Gate
logo
Toshiba Semiconductor
TC74VHC86F TOSHIBA-TC74VHC86F Datasheet
201Kb / 5P
   QUAD EXCLUSIVE OR GATE
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com