Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU4528 Arkusz danych(PDF) 2 Page - Rohm

Numer części BU4528
Szczegółowy opis  Dual monostable multivibrator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BU4528 Arkusz danych(HTML) 2 Page - Rohm

  BU4528 Datasheet HTML 1Page - Rohm BU4528 Datasheet HTML 2Page - Rohm BU4528 Datasheet HTML 3Page - Rohm BU4528 Datasheet HTML 4Page - Rohm BU4528 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Standard ICs
BU4528B / BU4528BF
Absolute maximum ratings (Ta = 25°C, VSS = 0V)
Parameter
Symbol
Limits
Unit
Power supply voltage
Power dissipation
Operating temperature
Storage temperature
Input voltage
VDD
V
mW
Topr
°C
Tstg
°C
VIN
– 0.3 ~ VDD + 0.3
V
Pd
– 0.3 ~ + 18
– 40 ~ + 85
– 55 ~ + 150
1000 (DIP), 500 (SOP)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
VDD (V)
Input high level voltage
Input low level voltage
Input high level current
Input low level current
Output high level voltage
Output low level voltage
Output high level current
Output low level current
Static current dissipation
VIH
3.5
——
V
5
7.0
——
10
11.0
——
15
VIL
——
1.5
V
5
——
3.0
10
——
4.0
15
IIH
——
0.3
µA15
VIH = 15V
IIL
——
– 0.3
µA15
VIL = 0V
VOH
4.95
——
V
5
IO = 0mA
9.95
——
10
14.95
——
15
VOL
——
0.05
V
5
IO = 0mA
——
0.05
10
——
0.05
15
IOH
– 0.16
——
mA
5VOH = 4.6V
– 0.4
——
10
VOH = 9.5V
– 1.2
——
15
VOH = 13.5V
IOL
0.44
——
mA
5VOL = 0.4V
1.1
——
10
VOL = 0.5V
3.0
——
15
VOL = 1.5V
IDD
——
20
µA
5
VI = VDD or GND
——
40
10
——
80
15
Electrical characteristics
DC characteristics (unless otherwise noted, Ta = 25°C, VSS = 0V)


Podobny numer części - BU4528

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BU4522AF PHILIPS-BU4522AF Datasheet
53Kb / 7P
   Silicon Diffused Power Transistor
December 1997-Rev 1.000
logo
Inchange Semiconductor ...
BU4522AF ISC-BU4522AF Datasheet
244Kb / 2P
   isc Silicon NPN Power Transistor
logo
NXP Semiconductors
BU4522AX PHILIPS-BU4522AX Datasheet
54Kb / 7P
   Silicon Diffused Power Transistor
December 1997 Rev 1.000
BU4522DF PHILIPS-BU4522DF Datasheet
20Kb / 4P
   Silicon Diffused Power Transistor
July 1998 Rev 1.000
BU4522DX PHILIPS-BU4522DX Datasheet
23Kb / 4P
   Silicon Diffused Power Transistor
July 1998 Rev 1.000
More results

Podobny opis - BU4528

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
CD4528BM NSC-CD4528BM Datasheet
171Kb / 8P
   Dual Monostable Multivibrator
logo
Integral Corp.
IN74HC221A INTEGRAL-IN74HC221A Datasheet
283Kb / 7P
   DUAL MONOSTABLE MULTIVIBRATOR
logo
NXP Semiconductors
HEF4528B PHILIPS-HEF4528B_15 Datasheet
180Kb / 17P
   Dual monostable multivibrator
Rev. 7-22 November 2011
logo
Nexperia B.V. All right...
HEF4528B-Q100 NEXPERIA-HEF4528B-Q100 Datasheet
203Kb / 15P
   Dual monostable multivibrator
HEF4528B NEXPERIA-HEF4528B Datasheet
237Kb / 13P
   Dual monostable multivibrator
Rev. 11 - 4 March 2022
logo
NXP Semiconductors
HEF4528B NXP-HEF4528B Datasheet
440Kb / 16P
   Dual monostable multivibrator
Rev. 06-27 November 2009
logo
Toshiba Semiconductor
TC74HC221AP TOSHIBA-TC74HC221AP_07 Datasheet
478Kb / 13P
   Dual Monostable Multivibrator
TC74VHC123AF TOSHIBA-TC74VHC123AF_07 Datasheet
318Kb / 15P
   Dual Monostable Multivibrator
logo
STMicroelectronics
HCF4098B STMICROELECTRONICS-HCF4098B_01 Datasheet
233Kb / 10P
   DUAL MONOSTABLE MULTIVIBRATOR
logo
IK Semicon Co., Ltd
IN74HC221A IKSEMICON-IN74HC221A Datasheet
398Kb / 7P
   Dual Monostable Multivibrator
logo
Toshiba Semiconductor
TC74VHC123AF TOSHIBA-TC74VHC123AF_12 Datasheet
287Kb / 14P
   Dual Monostable Multivibrator
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com