Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU4584 Arkusz danych(PDF) 2 Page - Rohm

Numer części BU4584
Szczegółowy opis  Hex Schmitt trigger
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BU4584 Arkusz danych(HTML) 2 Page - Rohm

  BU4584 Datasheet HTML 1Page - Rohm BU4584 Datasheet HTML 2Page - Rohm BU4584 Datasheet HTML 3Page - Rohm BU4584 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Standard ICs
BU4584B / BU4584BF / BU4584BFV
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Measurement
circuit
VDD (V)
VIH
3.5
——
V
5
7.0
——
10
11.0
——
15
VIL
——
1.5
V
5
——
3.0
10
——
4.0
15
IIH
——
0.3
µA15
VIH = 15V
IIL
——
– 0.3
µA15
VIL = 0V
VOH
4.95
——
V
5
IO = 0mA
Fig.1
10
9.95
——
15
14.95
——
VOL
——
0.05
V
5
IO = 0mA
10
——
0.05
15
——
0.05
IOH
– 0.44
——
mA
5VOH = 4.6V
VOH = 9.5V
VOH = 13.5V
10
– 1.1
——
15
– 3.0
——
IOL
0.44
——
mA
5VOL = 0.4V
VOL = 0.5V
VOL = 1.5V
10
1.1
——
15
3.0
——
IDD
——
1
µA
5
——
——
210
——
45
VH
0.15
0.6
V
5
Fig.1
10
0.25
1.0
15
0.40
1.5
Input high level voltage
Input low level voltage
Input high level current
Input low level current
Output high level voltage
Output low level voltage
Output high level current
Output low level current
Static current
consumption
Hysteresis voltage
Electrical characteristics
DC characteristics (unless otherwise noted, VSS = 0V, Ta = 25°C)
Switching characteristics (unless otherwise noted, Ta = 25°C, VSS = 0 V, CL =50pF)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Measurement
circuit
VDD (V)
tTLH
100
ns
5
Fig.2
50
10
40
15
tTHL
100
ns
5
Fig.2
50
10
40
15
tPLH
125
ns
5
Fig.2
60
10
50
15
tPHL
125
ns
5
Fig.2
60
10
50
15
Output rise time
Output fall time
Propagation delay time,
"L" to "H"
Propagation delay time,
"H" to "L"


Podobny numer części - BU4584

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU4584B ROHM-BU4584B Datasheet
505Kb / 22P
   High Voltage CMOS Logic ICs
BU4584B ROHM-BU4584B Datasheet
516Kb / 22P
   High Voltage CMOS Logic ICs
BU4584B-E2 ROHM-BU4584B-E2 Datasheet
505Kb / 22P
   High Voltage CMOS Logic ICs
BU4584BF ROHM-BU4584BF Datasheet
505Kb / 22P
   High Voltage CMOS Logic ICs
BU4584BF-E2 ROHM-BU4584BF-E2 Datasheet
505Kb / 22P
   High Voltage CMOS Logic ICs
More results

Podobny opis - BU4584

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14584B ONSEMI-MC14584B Datasheet
163Kb / 8P
   Hex Schmitt Trigger
March, 2000 ??Rev. 3
MC14106B ONSEMI-MC14106B_14 Datasheet
126Kb / 8P
   Hex Schmitt Trigger
August, 2014 ??Rev. 10
logo
Fairchild Semiconductor
MM74C14 FAIRCHILD-MM74C14 Datasheet
63Kb / 6P
   Hex Schmitt Trigger
MM74C14MX FAIRCHILD-MM74C14MX Datasheet
69Kb / 6P
   Hex Schmitt Trigger
logo
ON Semiconductor
MC14106B ONSEMI-MC14106B_06 Datasheet
152Kb / 10P
   Hex Schmitt Trigger
October, 2006 ??Rev. 7
MC14106B ONSEMI-MC14106B Datasheet
182Kb / 8P
   Hex Schmitt Trigger
March, 2000 ??Rev. 3
logo
National Semiconductor ...
CD40106BM NSC-CD40106BM Datasheet
134Kb / 6P
   Hex Schmitt Trigger
MM54C14 NSC-MM54C14 Datasheet
124Kb / 6P
   Hex Schmitt Trigger
logo
Fairchild Semiconductor
CD40106BC FAIRCHILD-CD40106BC_03 Datasheet
71Kb / 6P
   Hex Schmitt Trigger
logo
ON Semiconductor
MC14584B ONSEMI-MC14584B_06 Datasheet
145Kb / 8P
   Hex Schmitt Trigger
October, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com