Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC145202EVK Arkusz danych(PDF) 3 Page - Motorola, Inc

Numer części MC145202EVK
Szczegółowy opis  Evaluation Board Manual
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145202EVK Arkusz danych(HTML) 3 Page - Motorola, Inc

  MC145202EVK Datasheet HTML 1Page - Motorola, Inc MC145202EVK Datasheet HTML 2Page - Motorola, Inc MC145202EVK Datasheet HTML 3Page - Motorola, Inc MC145202EVK Datasheet HTML 4Page - Motorola, Inc MC145202EVK Datasheet HTML 5Page - Motorola, Inc MC145202EVK Datasheet HTML 6Page - Motorola, Inc MC145202EVK Datasheet HTML 7Page - Motorola, Inc MC145202EVK Datasheet HTML 8Page - Motorola, Inc MC145202EVK Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
MC145192EVK
• MC145202EVK
3
MOTOROLA
TYPICAL PERFORMANCE
Common to both kits, unless noted. Typical performance applies only to the configuration as shipped.
The MC145192EVK is shipped with VCC = 3 V and VPD = 5 V. The MC145202EVK is shipped with
VCC = 5 V and VPD = 5 V.
Supply Voltage (J6)
11.5 – 12.5 V
Supply Current (J6) (Note 1)
120 mA
Available Current (Note 2)
60 mA
Frequency Range (’192) (Note 3)
733 – 743 MHz
Frequency Range (’202) (Note 3)
1466 – 1486 MHz
Reference Frequency
14.4 MHz
Temperature Stability (– 30
°C to + 85°C)
<
± 2 ppm
TCXO Aging
<
± 1 ppm / year
Step Size (’192)
100 kHz
Step Size (’202)
200 kHz
Power Output
4.5 – 7.5 dBm
2nd Harmonic Level (’192)
< – 18 dB
Fundamental Level (’202)
< – 23 dB
3rd Harmonic Level
< – 18 dB
Frequency Accuracy (’192)
± 1.5 kHz
Frequency Accuracy (’202)
± 3.0 kHz
Reference Sidebands
– 70 dB
Phase Noise (100 Hz, ’192)
– 70 dBc/Hz
Phase Noise (100 Hz, ’202)
– 69 dBc/Hz
Phase Noise (10 kHz, ’192) (Note 4)
– 86 dBc/Hz
Phase Noise (10 kHz, ’202) (Note 4)
– 90 dBc/Hz
Switching Time (Note 5)
2.6 ms
NOTES:
1. Supply current is current the board requires without user modifications.
2. Available current is the sum of currents available to the user (in the prototype area) from the 5 V and 8.5 V supply. The 12 V supply is not
regulated. Current at 12 V is limited by the external power supply. If the on–board VCO and amplifier are disconnected from the power bus,
more current can be drawn in the prototype area. The current flowing into U3 (the 8.5 V regulator) should not exceed 180 mA. This will limit
temperature rise in U3.
3. Frequency ranges require use of the 5 V default charge pump supply voltage.
4. 10 kHz phase noise is limited by the PLL device noise. For low noise designs, the loop bandwidth is made more narrow and the VCO is relied
upon to provide the 10 kHz phase noise. This can be seen on the EVKs since the VCO has much lower noise.
5. 10 MHz step, within
± 1 kHz of final frequency (’192).
20 MHz step, within
± 2 kHz of final frequency (’202).


Podobny numer części - MC145202EVK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC145202 MOTOROLA-MC145202 Datasheet
346Kb / 24P
   Low-Voltage 2.0 GHz PLL Frequency Synthesizer Includes On-Board 64/65 Prescaler
MC145202D MOTOROLA-MC145202D Datasheet
346Kb / 24P
   Low-Voltage 2.0 GHz PLL Frequency Synthesizer Includes On-Board 64/65 Prescaler
MC145202DT MOTOROLA-MC145202DT Datasheet
346Kb / 24P
   Low-Voltage 2.0 GHz PLL Frequency Synthesizer Includes On-Board 64/65 Prescaler
MC145202F MOTOROLA-MC145202F Datasheet
346Kb / 24P
   Low-Voltage 2.0 GHz PLL Frequency Synthesizer Includes On-Board 64/65 Prescaler
More results

Podobny opis - MC145202EVK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sipex Corporation
SP6660EB SIPEX-SP6660EB Datasheet
35Kb / 6P
   Evaluation Board Manual
SP6661EB SIPEX-SP6661EB Datasheet
51Kb / 5P
   Evaluation Board Manual
SP504EB SIPEX-SP504EB Datasheet
132Kb / 18P
   Evaluation Board Manual
SP6126 SIPEX-SP6126_1 Datasheet
375Kb / 8P
   Evaluation Board Manual
SP6652LED SIPEX-SP6652LED Datasheet
505Kb / 4P
   Evaluation Board Manual
SP6654EB SIPEX-SP6654EB Datasheet
185Kb / 4P
   Evaluation Board Manual
SP6687 SIPEX-SP6687_06 Datasheet
61Kb / 4P
   Evaluation Board Manual
SP7615 SIPEX-SP7615_1 Datasheet
84Kb / 4P
   Evaluation Board Manual
SP7618 SIPEX-SP7618_06 Datasheet
87Kb / 6P
   Evaluation Board Manual
SP7619 SIPEX-SP7619_06 Datasheet
61Kb / 4P
   Evaluation Board Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com