Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB-402MP Arkusz danych(PDF) 1 Page - Rohm

Numer części LB-402MP
Szczegółowy opis  High efficiency, two-digit numeric displays
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

LB-402MP Arkusz danych(HTML) 1 Page - Rohm

  LB-402MP Datasheet HTML 1Page - Rohm LB-402MP Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LB-402FP Series
LED displays
High efficiency, two-digit numeric displays
LB-402FP Series
The LB-402FP series were designed to meet
the need for multi-digit numeric displays.
Featuring excellent visibility, these two-digit
LED numeric displays have a character
height of 10mm. A colored cover case is
attached to the surface of the display.
!
!
!
!Features
1) Two colors are available: red and green.
2) Common anode and common cathode
configurations are available.
3) Each segment has independent pin
connections and making static drive is
possible.
4) Excellent visibility.
Uniform brightness.
Wide view angle.
Character shapes cannot be seen when
not illuminated.
!
!
!
!External dimensions
(Units : mm)
1.0
5.56
(17.5)
(2.5)
22.0
10
°
9.0
C0.6
Tolerances are
±0.3 unless otherwise noted:
!
!
!
!Selection guide
Emitting color
Common
Red
Green
Anode
LB-402VF
LB-402MF
Cathode
LB-402VP
LB-402MP
!
!
!
!Pin assignments
f1
b1
a1
g1
d1
Pin No.
Dig.1
d2
Dig.2
e1
c1
f2
b2
a2
g2
e2
c2
16
15
14
13
12
11
10
9
1
2
345678
+
+
++++++
+
+
++++++
Pin No.
1
2
3
4
5
6
7
8
Function
Segment "c1"
Segment "e1"
Segment "d1"
Digit1 Common
Digit2 Common
Segment "d2"
Segment "e2"
Segment "c2"
Pin No.
9
10
11
12
13
14
15
16
Function
Segment "g2"
Segment "a2"
Segment "f2"
Segment "b2"
Segment "b1"
Segment "f1"
Segment "a1"
Segment "g1"


Podobny numer części - LB-402MP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
LB-402MD ROHM-LB-402MD Datasheet
51Kb / 3P
   High efficiency, two-digit numeric displays
LB-402MD ROHM-LB-402MD Datasheet
945Kb / 4P
   High efficiency, two-digit numeric displays
LB-402MD ROHM-LB-402MD Datasheet
353Kb / 5P
   High efficiency, two-digit numeric displays
LB-402MN ROHM-LB-402MN Datasheet
51Kb / 3P
   High efficiency, two-digit numeric displays
LB-402MN ROHM-LB-402MN Datasheet
945Kb / 4P
   High efficiency, two-digit numeric displays
More results

Podobny opis - LB-402MP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
LB-302FP ROHM-LB-302FP Datasheet
58Kb / 2P
   High efficiency, two-digit numeric displays
LB-502DN ROHM-LB-502DN_17 Datasheet
350Kb / 5P
   High efficiency, two-digit numeric displays
LB-502DN ROHM-LB-502DN Datasheet
61Kb / 2P
   High efficiency, two-digit numeric displays
LB-602VK2 ROHM-LB-602VK2 Datasheet
62Kb / 2P
   High efficiency, two-digit numeric displays
LB-302FP ROHM-LB-302FP_11 Datasheet
944Kb / 4P
   High efficiency, two-digit numeric displays
LB-402DN ROHM-LB-402DN_1 Datasheet
51Kb / 3P
   High efficiency, two-digit numeric displays
LB-302FP ROHM-LB-302FP_1 Datasheet
70Kb / 3P
   High efficiency, two-digit numeric displays
LB-202BL ROHM-LB-202BL Datasheet
60Kb / 2P
   High efficiency, two-digit numeric displays
LB-602AK2 ROHM-LB-602AK2 Datasheet
60Kb / 2P
   High efficiency, two-digit numeric displays
LB-402DN ROHM-LB-402DN_11 Datasheet
945Kb / 4P
   High efficiency, two-digit numeric displays
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com