Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LD-603 Arkusz danych(PDF) 2 Page - Rohm

Numer części LD-603
Szczegółowy opis  Flat displays
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

LD-603 Arkusz danych(HTML) 2 Page - Rohm

  LD-603 Datasheet HTML 1Page - Rohm LD-603 Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LD-603 Series
LED displays
!
!
!
!Electrical and optical characteristics
(Ta=25
°C)
Parameter
Symbol
Red
Orange
Yellow
Green
Unit
Conditions
Min.
Typ. Max. Min.
Typ. Max.
5.6
V
µA
nm
nm
4.0
5.6
4.0
650
40
10
610
40
10
−−
−−
Min.
Typ. Max.
5.6
4.2
585
40
10
−−
Min.
Typ. Max.
5.6
4.2
563
40
10
−−
IF
=10mA
VR
=3V
IF
=10mA
IF
=10mA
VF
IR
λP
∆λ
Forward voltage
Reverse current
Peak wavelength
Spectral line half
width
Electrical and optical are guaranteed values per element.
!
!
!
!Luminous intensity vs. wavelength
1.0
0.8
0.6
0.4
0.2
0
500
550
600
650
700
750
Wavelength :
λP (nm)
Green
Yellow
Orange
Red
!
!
!
!Luminous intensity
Color
Orange
Yellow
Green
Type
LD-603VR
LD-603DU
LD-603YY
LD-603MG
Red
Min.
2.2
1.4
2.2
2.2
Typ.
6.3
4.0
6.3
6.3
Max.
Unit
mcd
mcd
mcd
mcd
Note 1: Measured at IF = 10mA
Note 2: Current passes through 2 elements.
!
!
!
!Operation notes
When forming leads, the bend should be at least 2 mm from the base of the package. Solder after forming the leads, and
ensure that the inside of the LED is not subjected to mechanical stress while it is hot.


Podobny numer części - LD-603

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
LD-001 ROHM-LD-001 Datasheet
55Kb / 2P
   Flat displays
logo
Axiomtek Co., Ltd.
LD-057 AXIOMTEK-LD-057 Datasheet
156Kb / 1P
   5.7 Industrial Open Frame LCD Monitor
LD-065 AXIOMTEK-LD-065 Datasheet
187Kb / 1P
   Flexible, low cost and high performance
LD-070 AXIOMTEK-LD-070 Datasheet
152Kb / 1P
   7 Industrial Open Frame LCD Monitor
LD-084 AXIOMTEK-LD-084 Datasheet
198Kb / 1P
   8.4 Industrial Open Frame LCD Monitor
More results

Podobny opis - LD-603

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
LD-001 ROHM-LD-001 Datasheet
55Kb / 2P
   Flat displays
LD-201 ROHM-LD-201 Datasheet
54Kb / 2P
   Flat displays
LD-101 ROHM-LD-101 Datasheet
55Kb / 2P
   Flat displays
LD-701 ROHM-LD-701 Datasheet
56Kb / 2P
   Large flat displays
logo
Cooper Bussmann, Inc.
CC12H4A-TR COOPER-CC12H4A-TR Datasheet
876Kb / 9P
   Flat panel displays and televisions
logo
Analog Devices
AD9887 AD-AD9887_15 Datasheet
1Mb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9886 AD-AD9886 Datasheet
248Kb / 32P
   Analog Interface for Flat Panel Displays
REV. 0
AD9882A AD-AD9882A Datasheet
984Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882 AD-AD9882_15 Datasheet
376Kb / 36P
   Dual Interface for Flat Panel Displays
REV. A
AD9887 AD-AD9887 Datasheet
321Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com