Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD51002 Arkusz danych(PDF) 1 Page - Molex Electronics Ltd.

Numer części CD51002
Szczegółowy opis  VibraKrimp??Quick Disconnect
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOLEX4 [Molex Electronics Ltd.]
Strona internetowa  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

CD51002 Arkusz danych(HTML) 1 Page - Molex Electronics Ltd.

  CD51002 Datasheet HTML 1Page - Molex Electronics Ltd. CD51002 Datasheet HTML 2Page - Molex Electronics Ltd. CD51002 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0190180006
Status:
Active
Description:
VibraKrimp™ Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Mylar Tape, Tab
6.35mm (.250") x 0.81mm (.032")
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-19902-005 (PDF)
Agency Certification
CSA
LR18689
UL
E79133
General
Product Family
Quick Disconnects
Series
19018
Comments
Butted Seam
Crimp Quality Equipment
Yes
Product Name
VibraKrimp™
Type
Quick Disconnect
Physical
Barrel Type
Closed
Gender
Female
Glow-Wire Compliant
No
Insulation
None
Lock to Mating Part
None
Material - Metal
Brass
Orientation
Straight
Packaging Type
Adhesive Tape on Reel
Polarized to Mating Part
No
Tab Thickness
0.81mm (.032")
Tab Width
6.35mm (.250")
Temperature Range - Operating
Per Wire Specification
Wire Insulation Diameter
1.50-3.20mm (.060-.125") max.
Wire Size AWG
18, 20, 22
Wire Size mm²
0.35 - 0.80
Electrical
Voltage - Maximum
Per Wire Specification
Material Info
Old Part Number
AA-4176T
Reference - Drawing Numbers
Product Specification
PS-19902-005
Sales Drawing
CD51002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19018Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Mini-Mac™ Mylar
Tape Applicator
for VibraKrimp™
Quick Disconnect
Terminals 18-22
AWG
0638858500
ATP Perishable
Tool Kit used in ATP
presses that process
product on tape
0190270046
This document was generated on 04/13/2010


Podobny numer części - CD51002

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
CD51002 MOLEX4-CD51002 Datasheet
88Kb / 3P
   VibraKrimp??Quick Disconnect
More results

Podobny opis - CD51002

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
0190180014 MOLEX4-0190180014 Datasheet
88Kb / 3P
   VibraKrimp??Quick Disconnect
0190240001 MOLEX4-0190240001 Datasheet
116Kb / 2P
   VibraKrimp??Quick Disconnect
0190180003 MOLEX4-0190180003 Datasheet
137Kb / 3P
   VibraKrimp??Quick Disconnect
0190090006 MOLEX4-0190090006 Datasheet
72Kb / 2P
   VibraKrimp??Quick Disconnect Flag
0190090010 MOLEX4-0190090010 Datasheet
72Kb / 2P
   VibraKrimp??Quick Disconnect Flag, Female, for 14-16 AWG Wire
0190090004 MOLEX4-0190090004 Datasheet
72Kb / 2P
   VibraKrimp??Quick Disconnect Flag, Female, for 18-22 AWG Wire
0190090001 MOLEX4-0190090001 Datasheet
72Kb / 2P
   VibraKrimp??Quick Disconnect Flag,Female, for 18-22 AWG Wire
0190090012 MOLEX4-0190090012 Datasheet
72Kb / 2P
   VibraKrimp??Quick Disconnect Flag, Female, for 14-16 AWG Wire
0190090003 MOLEX4-0190090003 Datasheet
72Kb / 2P
   VibraKrimp??Quick Disconnect Flag, Female, for 18-22 AWG Wire
0190090013 MOLEX4-0190090013 Datasheet
72Kb / 2P
   VibraKrimp??Quick Disconnect Flag, Female, for 14-16 AWG Wire
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com