Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD1115 Arkusz danych(PDF) 1 Page - Molex Electronics Ltd.

Numer części CD1115
Szczegółowy opis  Krimptite??Steel Star Ring Tongue Terminal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOLEX4 [Molex Electronics Ltd.]
Strona internetowa  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

CD1115 Arkusz danych(HTML) 1 Page - Molex Electronics Ltd.

  CD1115 Datasheet HTML 1Page - Molex Electronics Ltd. CD1115 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 03/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0190740009
Status:
Active
Description:
Krimptite™ Steel Star Ring Tongue Terminal for 18-22 AWG Wire, Stud Size 6
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E32244
General
Product Family
Ring and Spade Terminals
Series
19074
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
Krimptite™
Type
Ring
Physical
Barrel Type
Closed
Insulation
None
Material - Plating Mating
Tin
Packaging Type
Bag
Stud Size
6 (M3.5)
Wire Size AWG
18, 20, 22
Wire Size mm²
0.30 - 1.00
Material Info
Old Part Number
SRA-S-129-06
Reference - Drawing Numbers
Sales Drawing
CD1115
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19074Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Hand Crimp Tool
0640031200
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640071200
This document was generated on 03/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Podobny numer części - CD1115

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
CD1115 MOLEX4-CD1115 Datasheet
85Kb / 2P
   Krimptite??Star Ring Tongue Terminal for 18-22 AWG Wire
CD1115 MOLEX4-CD1115 Datasheet
85Kb / 2P
   Krimptite??Star Ring Tongue Terminal for 18-22 AWG Wire
CD1115 MOLEX4-CD1115 Datasheet
87Kb / 3P
   InsulKrimp??Steel Star Ring Tongue Terminal
CD1115 MOLEX4-CD1115 Datasheet
85Kb / 2P
   Krimptite??Star Ring Tongue Terminal for 18-22 AWG Wire
More results

Podobny opis - CD1115

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
0190740015 MOLEX4-0190740015 Datasheet
79Kb / 2P
   Krimptite??Star Ring Tongue Terminal
0190770010 MOLEX4-0190770010 Datasheet
111Kb / 3P
   Avikrimp??Steel Star Ring Tongue Terminal
0190750012 MOLEX4-0190750012 Datasheet
87Kb / 3P
   InsulKrimp??Steel Star Ring Tongue Terminal
0190440187 MOLEX4-0190440187 Datasheet
120Kb / 3P
   Krimptite??Ring Tongue Terminal
0190690217 MOLEX4-0190690217 Datasheet
67Kb / 2P
   Krimptite??Ring Tongue Terminal
0190740025 MOLEX4-0190740025 Datasheet
63Kb / 2P
   Krimptite??Steel Star Ring Tongue Terminal for 14-16 AWG Wire, Stud Size 10
0190740023 MOLEX4-0190740023 Datasheet
119Kb / 3P
   Krimptite??Steel Star Ring Tongue Terminal for 14-16 AWG Wire, Stud Size 8
0190740021 MOLEX4-0190740021 Datasheet
79Kb / 2P
   Krimptite??Steel Star Ring Tongue Terminal for 14-16 AWG Wire, Stud Size 6
0190740013 MOLEX4-0190740013 Datasheet
85Kb / 2P
   Krimptite??Steel Star Ring Tongue Terminal for 18-22 AWG Wire, Stud Size 10
0190740011 MOLEX4-0190740011 Datasheet
85Kb / 2P
   Krimptite??Steel Star Ring Tongue Terminal for 18-22 AWG Wire, Stud Size 8
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com