Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CDFLG187 Arkusz danych(PDF) 1 Page - Molex Electronics Ltd.

Numer części CDFLG187
Szczegółowy opis  Flag InsulKrimp??Quick Disconnect
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOLEX4 [Molex Electronics Ltd.]
Strona internetowa  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

CDFLG187 Arkusz danych(HTML) 1 Page - Molex Electronics Ltd.

  CDFLG187 Datasheet HTML 1Page - Molex Electronics Ltd. CDFLG187 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 03/04/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0190070031
Status:
Active
Description:
Flag InsulKrimp™ Quick Disconnect, Female, for 14-16 (2.00-1.30) Wire, Box, Tab
4.75mm (.187") x 0.51mm (.020")
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-19902-008 (PDF)
General
Product Family
Quick Disconnects
Series
19007
Crimp Quality Equipment
Yes
Product Name
InsulKrimp™
Type
Quick Disconnect
Physical
Barrel Type
Closed
Color - Resin
Natural
Flammability
94V-0
Gender
Female
Glow-Wire Compliant
No
Insulation
Nylon (PA)
Lock to Mating Part
None
Material - Metal
Brass
Material - Resin
Nylon
Orientation
Flag
Packaging Type
Bag
Polarized to Mating Part
No
Tab Thickness
0.51mm (.020")
Tab Width
4.75mm (.187")
Temperature Range - Operating
-65°C to +105°C
Wire Insulation Diameter
6.73mm (.265") max.
Wire Size AWG
14, 16
Wire Size mm²
1.30 - 2.00
Electrical
CSA
LR18689
UL
E79133
Voltage - Maximum
600V
Material Info
Old Part Number
BB-2224X
Reference - Drawing Numbers
Product Specification
PS-19902-008
Sales Drawing
CDFLG187
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19007Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Hand Crimp Tool
0640014100
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640054100
This document was generated on 03/04/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Podobny numer części - CDFLG187

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
CDFLG187 MOLEX4-CDFLG187 Datasheet
87Kb / 2P
   Flag InsulKrimp??Quick Disconnect
CDFLG187 MOLEX4-CDFLG187 Datasheet
87Kb / 2P
   Flag InsulKrimp??Quick Disconnect
CDFLG187 MOLEX4-CDFLG187 Datasheet
88Kb / 2P
   Flag InsulKrimp??Quick Disconnect
More results

Podobny opis - CDFLG187

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
0190070030 MOLEX4-0190070030 Datasheet
87Kb / 2P
   Flag InsulKrimp??Quick Disconnect
0190070027 MOLEX4-0190070027 Datasheet
114Kb / 3P
   Flag InsulKrimp??Quick Disconnect
0190070024 MOLEX4-0190070024 Datasheet
113Kb / 2P
   Flag InsulKrimp??Quick Disconnect
0190070036 MOLEX4-0190070036 Datasheet
87Kb / 2P
   Flag InsulKrimp??Quick Disconnect
0190070037 MOLEX4-0190070037 Datasheet
88Kb / 2P
   Flag InsulKrimp??Quick Disconnect
0190070005 MOLEX4-0190070005 Datasheet
114Kb / 2P
   Flag InsulKrimp??Quick Disconnect
0190070007 MOLEX4-0190070007 Datasheet
115Kb / 3P
   Flag InsulKrimp??Quick Disconnect, Female
0190070069 MOLEX4-0190070069 Datasheet
105Kb / 2P
   InsulKrimp??Female Fully Insulated Quick Disconnect Flag
0190170012 MOLEX4-0190170012 Datasheet
129Kb / 3P
   InsulKrimp??Quick Disconnect
0190030041 MOLEX4-0190030041 Datasheet
222Kb / 3P
   InsulKrimp??Quick Disconnect
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com