Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD-19202-001 Arkusz danych(PDF) 1 Page - Molex Electronics Ltd.

Numer części SD-19202-001
Szczegółowy opis  FUNNEL ENTRY BUTT SPLC TAPE CS-952-DKT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOLEX4 [Molex Electronics Ltd.]
Strona internetowa  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

SD-19202-001 Arkusz danych(HTML) 1 Page - Molex Electronics Ltd.

  SD-19202-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-19202-001 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 03/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0192020047
Status:
Active
Description:
FUNNEL ENTRY BUTT SPLC TAPE CS-952-DKT
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E32244
General
Product Family
Splices
Series
19202
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
Butt - Funnel Entry
Physical
Barrel Type
Closed
Flammability
94V-0
Insulation
Nylon (PA)
Packaging Type
Adhesive Tape on Reel
Wire Insulation Diameter
6.65mm (.262") max. Funnel End, 7.01mm (.276") max.
Wire Size AWG
10, 12
Material Info
Old Part Number
CS-952-DKT
Reference - Drawing Numbers
Sales Drawing
SD-19202-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19202Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
ATP Perishable Tool
Kit Used in ATP
Presses that Process
Product on Tape
0192880289
This document was generated on 03/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Podobny numer części - SD-19202-001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
SD-19202-001 MOLEX4-SD-19202-001 Datasheet
104Kb / 3P
   Funnel Entry Butt Splice for 10-12 AWG Wire
More results

Podobny opis - SD-19202-001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
0192020012 MOLEX4-0192020012 Datasheet
110Kb / 2P
   FUNNEL ENTRY BUTT SPLC TAPED AS-932-DKT
0192020029 MOLEX4-0192020029 Datasheet
109Kb / 2P
   FUNNEL ENTRY BUTT SPLC TAPED BS-942-DKT
0192020007 MOLEX4-0192020007 Datasheet
95Kb / 2P
   FUNNEL ENTRY BUTT SPLICE TAPED A-945-DKT
0191540042 MOLEX4-0191540042 Datasheet
82Kb / 2P
   D-654XT BUTT SPLC BZD INS TAPE DBL SPACE
0192020021 MOLEX4-0192020021 Datasheet
95Kb / 2P
   FUNNEL ENTRY BUTT SPLICE TAPED (B-931-DK
0192020063 MOLEX4-0192020063 Datasheet
89Kb / 3P
   Funnel Entry Butt Splice for 18-22 AWG Wire
0192020039 MOLEX4-0192020039 Datasheet
87Kb / 2P
   Funnel Entry Butt Splice for 10-12 AWG Wire
0192020027 MOLEX4-0192020027 Datasheet
104Kb / 3P
   Funnel Entry Butt Splice for 14-16 AWG Wire
0192020019 MOLEX4-0192020019 Datasheet
89Kb / 3P
   Butt - Funnel Entry Splice for 14-16 AWG Wire
0192020046 MOLEX4-0192020046 Datasheet
104Kb / 3P
   Funnel Entry Butt Splice for 10-12 AWG Wire
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com