Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD-19010-001 Arkusz danych(PDF) 1 Page - Molex Electronics Ltd.

Numer części SD-19010-001
Szczegółowy opis  Krimptite??Piggyback Quick Disconnect
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOLEX4 [Molex Electronics Ltd.]
Strona internetowa  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

SD-19010-001 Arkusz danych(HTML) 1 Page - Molex Electronics Ltd.

  SD-19010-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-19010-001 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0190100031
Status:
Active
Description:
Krimptite™ Piggyback Quick Disconnect, Tab 6.35mm (.250") by 0.81mm (.032"),
18-22 AWG
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Quick Disconnects
Series
19010
Crimp Quality Equipment
Yes
Product Name
Krimptite™
Type
Quick Disconnect
Physical
Barrel Type
Closed
Gender
Female
Glow-Wire Compliant
No
Insulation
None
Lock to Mating Part
No
Orientation
Straight
Packaging Type
Adhesive Tape on Reel
Polarized to Mating Part
Yes
Tab Thickness
0.81mm (.032")
Tab Width
6.35mm (.250")
Temperature Range - Operating
149°C
Wire Insulation Diameter
2.79mm (.110") max.
Wire Size AWG
18, 20, 22
Wire Size mm²
0.35 - 0.80
Electrical
Voltage - Maximum
N/A
Material Info
Old Part Number
AA-1301T
Reference - Drawing Numbers
Sales Drawing
SD-19010-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19010Series
This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Podobny numer części - SD-19010-001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
SD-19011-004 MOLEX4-SD-19011-004 Datasheet
116Kb / 2P
   InsulKrimp??Piggyback Quick Disconnect
SD-19013-001 MOLEX4-SD-19013-001 Datasheet
119Kb / 2P
   InsulKrimp??Fully Insulated
SD-19013-001 MOLEX4-SD-19013-001 Datasheet
119Kb / 2P
   InsulKrimp??Fully Insulated Piggyback Quick Disconnect
SD-19013-002 MOLEX4-SD-19013-002 Datasheet
109Kb / 2P
   InsulKrimp??Fully Insulated Piggyback Quick Disconnect
SD-19016-001 MOLEX4-SD-19016-001 Datasheet
94Kb / 2P
   Krimptite??Quick Disconnect
More results

Podobny opis - SD-19010-001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
0190220024 MOLEX4-0190220024 Datasheet
88Kb / 2P
   Krimptite??Quick Disconnect
0190160010 MOLEX4-0190160010 Datasheet
74Kb / 2P
   Krimptite??Quick Disconnect
0190110036 MOLEX4-0190110036 Datasheet
116Kb / 2P
   InsulKrimp??Piggyback Quick Disconnect
0190220006 MOLEX4-0190220006 Datasheet
87Kb / 2P
   Krimptite??Quick Disconnect
0190160037 MOLEX4-0190160037 Datasheet
94Kb / 2P
   Krimptite??Quick Disconnect
0190080009 MOLEX4-0190080009 Datasheet
110Kb / 3P
   Flag Krimptite??Quick Disconnect
0190080028 MOLEX4-0190080028 Datasheet
159Kb / 3P
   Flag Krimptite??Quick Disconnect
0190220004 MOLEX4-0190220004 Datasheet
89Kb / 2P
   Krimptite??Quick Disconnect, Male
0190080027 MOLEX4-0190080027 Datasheet
109Kb / 2P
   Flag Krimptite??Quick Disconnect
0190130028 MOLEX4-0190130028 Datasheet
109Kb / 2P
   InsulKrimp??Fully Insulated Piggyback Quick Disconnect
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com