Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

F-764 Arkusz danych(PDF) 1 Page - Molex Electronics Ltd.

Numer części F-764
Szczegółowy opis  NylaKrimp??Butt Splice for 4 AWG Wire
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOLEX4 [Molex Electronics Ltd.]
Strona internetowa  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

F-764 Arkusz danych(HTML) 1 Page - Molex Electronics Ltd.

  F-764 Datasheet HTML 1Page - Molex Electronics Ltd. F-764 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/12/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0192020056
Status:
Active
Description:
NylaKrimp™ Butt Splice for 4 AWG Wire
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E32244
General
Product Family
Splices
Series
19202
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
Butt, NylaKrimp™
Physical
Barrel Type
Closed - Brazed
Flammability
94V-2
Insulation
Nylon (PA)
Packaging Type
Bag
Temperature Range - Operating
-55°C to +105°C
Wire Insulation Diameter
10.92mm (.430") max
Wire Size AWG
4
Wire Size mm²
16.80 - 26.60
Electrical
Voltage - Maximum
300V
Material Info
Old Part Number
F-764
Reference - Drawing Numbers
Sales Drawing
CD71003
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19202Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Putt Pump Dieless
Head System
0192860065
Manual Putt Pump
Hydraulic System,
Die set required
0192860117
Die Set (large) for
the HHLS Hydralic
Crimper
0192890007
Hand Crimp Tool
0640013900
This document was generated on 04/12/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Podobny numer części - F-764

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TRIAD MAGNETICS
F-70X TRIAD-F-70X Datasheet
241Kb / 3P
   ChassisMount SingleSecondary
F-70X TRIAD-F-70X_13 Datasheet
115Kb / 1P
   Chassis Mount: Single Secondary
logo
Bud Industries, Inc.
F-7264-A BUD-F-7264-A Datasheet
20Kb / 1P
   PLASTIC FOOT
F-7800-A BUD-F-7800-A Datasheet
20Kb / 1P
   PLASTIC FOOT
logo
TRIAD MAGNETICS
F-7X TRIAD-F-7X Datasheet
241Kb / 3P
   ChassisMount SingleSecondary
More results

Podobny opis - F-764

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
0192020054 MOLEX4-0192020054 Datasheet
61Kb / 2P
   NylaKrimp??Butt Splice for 8 AWG Wire
0192020055 MOLEX4-0192020055 Datasheet
68Kb / 2P
   NylaKrimp??Butt Splice for 6 AWG Wire
0192020013 MOLEX4-0192020013 Datasheet
105Kb / 3P
   Nylakrimp??Butt Splice for 18-22 AWG Wire
0192020049 MOLEX4-0192020049 Datasheet
107Kb / 4P
   Nylakrimp??Butt Splice for 10-12 AWG Wire
0192020031 MOLEX4-0192020031 Datasheet
106Kb / 3P
   Nylakrimp??Butt Splice for 14-16 AWG Wire
0191540048 MOLEX4-0191540048 Datasheet
81Kb / 2P
   InsulKrimp??Butt Splice for 4 AWG Wire
0192150045 MOLEX4-0192150045 Datasheet
72Kb / 3P
   VersaKrimp??Butt Splice for 4 AWG Wire
0192050013 MOLEX4-0192050013 Datasheet
66Kb / 2P
   VersaKrimp??Butt Splice for 4/0 AWG Wire
0191540045 MOLEX4-0191540045 Datasheet
80Kb / 2P
   InsulKrimp??Butt Splice for 6 AWG Wire
0191540049 MOLEX4-0191540049 Datasheet
83Kb / 2P
   InsulKrimp??Butt Splice for 2 AWG Wire
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com