Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

930904 Arkusz danych(PDF) 1 Page - Molex Electronics Ltd.

Numer części 930904
Szczegółowy opis  3.81mm (.150") Pitch Beau??EuroMate??Pluggable PCB Terminal Block, Dual Level, 270째 Wire Entry, 4 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOLEX5 [Molex Electronics Ltd.]
Strona internetowa  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

930904 Arkusz danych(HTML) 1 Page - Molex Electronics Ltd.

  930904 Datasheet HTML 1Page - Molex Electronics Ltd. 930904 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0399300304
Status:
Active
Description:
3.81mm (.150") Pitch Beau™ EuroMate™ Pluggable PCB Terminal Block, Dual Level,
270° Wire Entry, 4 Circuits
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E48521
General
Product Family
Terminal Blocks
Series
39930
Application
Wire-to-Board
Component Type
Plug
Product Literature Order No
USA-264
Product Name
EuroMate™Pluggable
Type
Euro Block
Physical
Circuits (Loaded)
4
Color - Resin
Black
Entry Angle
Horizontal
Flammability
94V-0
Lock to Mating Part
None
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Nylon
Number of Rows
2
Orientation
Vertical
Panel Mount
No
Pitch - Mating Interface (in)
0.150 In
Pitch - Mating Interface (mm)
3.81 mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
130°C
Termination Interface: Style
Screw or Lug
Wire Size AWG
14, 16, 18, 20, 22
Wire Size mm²
0.50 - 1.50
Electrical
Current - Maximum per Contact
12A
Voltage - Maximum
300V
Material Info
Old Part Number
930904
Reference - Drawing Numbers
Sales Drawing
SD-39930-004
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
39930Series
Mates With
39511-1004 , 39512-1004
This document was generated on 05/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Podobny numer części - 930904

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
930904 MOLEX11-930904 Datasheet
48Kb / 2P
   3.81mm Pitch Beau EuroMate Pluggable PCB Terminal Block
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com