Zakładka z wyszukiwarką danych komponentów |
|
KA2163 Arkusz danych(PDF) 1 Page - Samsung semiconductor |
|
KA2163 Arkusz danych(HTML) 1 Page - Samsung semiconductor |
1 / 43 page KA2163 I2C BUS NTSC 1 CHIP IC FOR COLOR TV 1 M/M-97-D008 97-05-20 The KA2163 is a monolithic integrated circuit for VIF, SIF, chroma and deflection circuit of NTSC color TV. The KA2163 also provides audio / video switch and OSD interface. It combines these functions in a 56 SDIP package and the KA2163B also includes I2C bus control functions for automatically adjustment. I2C BUS NTSC 1 CHIP FOR COLOR TV FUNCTIONS - VIF/SIF - Video - Chroma - Deflection - OSD interface - I2C bus circuit ORDERING INFORMATION FEATURES VIF CIRCUIT - PLL type IF demodulation (bus alignment) - Adjustment free AFT without tank coil - RF AGC output (delay point : bus alignment) - Dual time constant fast AGC SIF CIRCUIT - Inter carrier SIF system - External sound select switch (bus select) - Attenuator circuit VIDEO CIRCUIT - Black stretcher - DC Restoration circuit - D.L aperture compensate circuit (bus control) - Internal filter auto-adjust circuit (fsc link type) - Uni-color circuit(bus control) - Y delay line circuit CHROMA CIRCUIT - Color control circuit (bus control) - Tint control circuit Device Package Operating Temperature KA2163 56 -SDIP -20¡É ~ +65¡É OSD CIRCUIT - Linear RGB input - Cut off / Drive adjustment (bus adjustment) - RGB primary color output DEFLECTION CIRCUIT - Auto-slicer type high performance - Sync. separator circuit - Adjustment free countdown system - Sync. separation output - X-ray protect circuit - Vertical ramp output - Dual time constant AFC circuit - Horizontal and Vertical position bus adjustment - Vertical amplitude adjustment (bus adjustment) 56-SDIP-600 |
Podobny numer części - KA2163 |
|
Podobny opis - KA2163 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |