Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD-48201-002 Arkusz danych(PDF) 1 Page - Molex Electronics Ltd.

Numer części SD-48201-002
Szczegółowy opis  D-Subminiature Shielded I/O PCB Female Receptacle
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOLEX6 [Molex Electronics Ltd.]
Strona internetowa  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

SD-48201-002 Arkusz danych(HTML) 1 Page - Molex Electronics Ltd.

  SD-48201-002 Datasheet HTML 1Page - Molex Electronics Ltd. SD-48201-002 Datasheet HTML 2Page - Molex Electronics Ltd. SD-48201-002 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 03/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0482019063
Status:
Active
Description:
D-Subminiature Shielded I/O PCB Female Receptacle, Vertical, Through Hole, 9
Circuits, #4-40 UNC Threaded Insert, with Brackets, Gold (Au) Flash Plating, PCB
Thickness 1.60mm(.063"), Lead Free
Documents:
3D Model
Product Specification PS-48201-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
I/O Connectors
Series
48201
Application
Wire-to-Board
Component Type
Receptacle
Product Name
D-Sub
Type
N/A
Physical
Boot Color
N/A
Circuits (Loaded)
9
Circuits (maximum)
9
Color - Resin
Black
Durability (mating cycles max)
600
Gender
Female
Lock to Mating Part
Yes
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Polyester
Number of Rows
2
Orientation
Vertical
PC Tail Length (in)
0.118 In
PC Tail Length (mm)
3.00 mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness Recommended (in)
0.063 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Panel Mount
Yes
Pitch - Mating Interface (in)
0.054 In
Pitch - Mating Interface (mm)
1.38 mm
Pitch - Term. Interface (in)
0.054 In
Pitch - Term. Interface (mm)
1.38 mm
Plating min: Mating (µin)
2
Plating min: Mating (µm)
0.05
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.54
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Ports
1
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-55°C to +85°C
Termination Interface: Style
Through Hole
Waterproof / Dustproof
No
Wire Size AWG
N/A
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
48201Series
Mates With
48202 D-Sub Male Plug


Podobny numer części - SD-48201-002

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
SD-48201-001 MOLEX6-SD-48201-001 Datasheet
153Kb / 3P
   D-Subminiature Shielded I/O PCB Female Receptacle
SD-48201-001 MOLEX6-SD-48201-001 Datasheet
148Kb / 3P
   D-Subminiature Shielded I/O PCB Female Receptacle
SD-48201-001 MOLEX6-SD-48201-001 Datasheet
153Kb / 3P
   D-Subminiature Shielded I/O PCB Female Receptacle
SD-48201-001 MOLEX6-SD-48201-001 Datasheet
148Kb / 3P
   D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle, Through Hole, 15 Circuits, 4-40 Flush Insert
SD-48201-001 MOLEX6-SD-48201-001 Datasheet
148Kb / 3P
   D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle, Through Hole, 9 Circuits
More results

Podobny opis - SD-48201-002

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
0482016368 MOLEX6-0482016368 Datasheet
153Kb / 3P
   D-Subminiature Shielded I/O PCB Female Receptacle
0482016363 MOLEX6-0482016363 Datasheet
153Kb / 3P
   D-Subminiature Shielded I/O PCB Female Receptacle
0482016053 MOLEX6-0482016053 Datasheet
148Kb / 3P
   D-Subminiature Shielded I/O PCB Female Receptacle
0482036762 MOLEX6-0482036762 Datasheet
143Kb / 3P
   High Density, DDC Compatible D-Subminiature Shielded I/O PCB Female Receptacle
0482036063 MOLEX6-0482036063 Datasheet
143Kb / 3P
   High Density, DDC Compatible D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle
0482016041 MOLEX6-0482016041 Datasheet
148Kb / 3P
   D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle, Through Hole, 9 Circuits
0482016156 MOLEX6-0482016156 Datasheet
148Kb / 3P
   D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle, Through Hole, 15 Circuits
0482039073 MOLEX6-0482039073 Datasheet
129Kb / 3P
   High Density, DDC Compatible D-Subminiature Shielded I/O PCB Female Receptacle, Vertical, Through Hole
0482036746 MOLEX6-0482036746 Datasheet
143Kb / 3P
   High Density, DDC Compatible D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle, Through Hole
0482036066 MOLEX6-0482036066 Datasheet
143Kb / 3P
   High Density, DDC Compatible D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle, Through Hole
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com