Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD-44380-001 Arkusz danych(PDF) 2 Page - Molex Electronics Ltd.

Numer części SD-44380-001
Szczegółowy opis  Modular Jack, Right Angle, Low Profile, Inverted, 8/8, Shielded
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOLEX6 [Molex Electronics Ltd.]
Strona internetowa  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

SD-44380-001 Arkusz danych(HTML) 2 Page - Molex Electronics Ltd.

  SD-44380-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-44380-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-44380-001 Datasheet HTML 3Page - Molex Electronics Ltd. SD-44380-001 Datasheet HTML 4Page - Molex Electronics Ltd. SD-44380-001 Datasheet HTML 5Page - Molex Electronics Ltd. SD-44380-001 Datasheet HTML 6Page - Molex Electronics Ltd. SD-44380-001 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Waterproof / Dustproof
No
Wire/Cable Type
N/A
Electrical
Current - Maximum per Contact
1.5A
Grounding to PCB
No
Grounding to Panel
With All Panel Grounding Tab
Shielded
Yes
Voltage - Maximum
150V AC (RMS)
Solder Process Data
Lead-free Process Capability
Wave Capable (TH only)
Material Info
Reference - Drawing Numbers
Application Specification
AS-43860-001
Packaging Specification
PK-44380-005
Product Specification
PS-43860-003, RPS-43860-004, RPS-43860-007,
RPS-43860-008, RPS-43860-013
Sales Drawing
SD-44380-001
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Podobny numer części - SD-44380-001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
SD-44380-001 MOLEX6-SD-44380-001 Datasheet
620Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted
SD-44380-001 MOLEX6-SD-44380-001 Datasheet
620Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, 6/6, Unshielded
SD-44380-001 MOLEX6-SD-44380-001 Datasheet
620Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, 6/6, Shielded, with All Panel Grounding Tabs
SD-44380-001 MOLEX6-SD-44380-001 Datasheet
620Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, 6/4, Unshielded
SD-44380-001 MOLEX6-SD-44380-001 Datasheet
620Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, 6/4, Shielded, with All Panel Grounding Tabs
More results

Podobny opis - SD-44380-001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
0446200001 MOLEX6-0446200001 Datasheet
545Kb / 6P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/8
0446201005 MOLEX6-0446201005 Datasheet
545Kb / 6P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/8
0446201004 MOLEX6-0446201004 Datasheet
545Kb / 6P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/8
0443801016 MOLEX6-0443801016 Datasheet
620Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/8
0446200002 MOLEX6-0446200002 Datasheet
545Kb / 6P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/8
0438600001 MOLEX6-0438600001 Datasheet
668Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/8
0443801010 MOLEX6-0443801010 Datasheet
620Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/8
0446200003 MOLEX6-0446200003 Datasheet
545Kb / 6P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/8
0446201008 MOLEX6-0446201008 Datasheet
545Kb / 6P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/8
0446200002 MOLEX1-0446200002_18 Datasheet
34Kb / 2P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/8
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com