Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KM416C256D Arkusz danych(PDF) 1 Page - Samsung semiconductor

Numer części KM416C256D
Szczegółowy opis  256K x 16Bit CMOS Dynamic RAM with Fast Page Mode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAMSUNG [Samsung semiconductor]
Strona internetowa  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM416C256D Arkusz danych(HTML) 1 Page - Samsung semiconductor

  KM416C256D Datasheet HTML 1Page - Samsung semiconductor KM416C256D Datasheet HTML 2Page - Samsung semiconductor KM416C256D Datasheet HTML 3Page - Samsung semiconductor KM416C256D Datasheet HTML 4Page - Samsung semiconductor KM416C256D Datasheet HTML 5Page - Samsung semiconductor KM416C256D Datasheet HTML 6Page - Samsung semiconductor KM416C256D Datasheet HTML 7Page - Samsung semiconductor KM416C256D Datasheet HTML 8Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
KM416C256D, KM416V256D
CMOS DRAM
This is a family of 262,144 x 16 bit Fast Page Mode CMOS DRAMs. Fast Page Mode offers high speed random access of memory cells
within the same row. Power supply voltage (+5.0V or +3.3V), access time (-5,-6,-7), power consumption(Normal or Low power) and
package type(SOJ or TSOP-II) are optional features of this family. All of this family have CAS-before-RAS refresh, RAS-only refresh and
Hidden refresh capabilities. Furthermore, Self-refresh operation is available in L-version. This 256Kx16 fast page mode DRAM family is
fabricated using Samsung's advanced CMOS process to realize high band-width, low power consumption and high reliability.
It may be used as graphic memory unit for microcomputer, personal computer and portable machines.
¡Ü
Part Identification
- KM416C256D/DL (5V, 512K Ref.)
- KM416V256D/DL (3.3V, 512K Ref.)
¡Ü
Fast Page Mode operation
¡Ü
2 CAS Byte/Wrod Read/Write operation
¡Ü
CAS-before-RAS refresh capability
¡Ü
RAS-only and Hidden refresh capability
¡Ü
Self-refresh capability (L-ver only)
¡Ü
TTL(5V)/LVTTL(3.3V) compatible inputs and outputs
¡Ü
Early Write or output enable controlled write
¡Ü
JEDEC Standard pinout
¡Ü
Available in 40-pin SOJ 400mil and44(40)-pin
TSOP(II) 400mil packages
¡Ü
Triple +5V¡¾10% power supply(5V product)
¡Ü
Triple +3.3V¡¾0.3V power supply(3.3V product)
Control
Clocks
VBB Generator
Refresh Timer
Refresh Control
Refresh Counter
Row Address Buffer
Col. Address Buffer
Row Decoder
Column Decoder
Lower
Data out
Buffer
RAS
UCAS
LCAS
W
Vcc
Vss
DQ0
to
DQ7
A0
.
.
A8
Memory Array
262,144 x16
Cells
SAMSUNG ELECTRONICS CO., LTD. reserves the right to
change products and specifications without notice.
256K x 16Bit CMOS Dynamic RAM with Fast Page Mode
DESCRIPTION
FEATURES
FUNCTIONAL BLOCK DIAGRAM
¡Ü
Refresh Cycles
Part
NO.
VCC
Refresh
cycle
Refresh period
Normal
L-ver
C256D
5V
512K
8ms
128ms
V256D
3.3V
¡Ü
Performance Range:
Speed
tRAC
tCAC
tRC
tPC
Remark
-5
50ns
15ns
90ns
35ns
5V only
-6
60ns
15ns
10ns
40ns
5V/3.3V
-7
70ns
20ns
130ns
45ns
5V/3.3V
¡Ü
Active Power Dissipation
Speed
3.3V(512 Ref.)
5V(512 Ref.)
-5
-
605
-6
325
495
-7
290
440
Unit : mW
Upper
Data in
Buffer
Upper
Data out
Buffer
Lower
Data in
Buffer
DQ8
to
DQ15
OE


Podobny numer części - KM416C256D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
KM416C256ALJ-7 ETC2-KM416C256ALJ-7 Datasheet
27Kb / 2P
   C-MOS 4M (256K X 16)-BIT DYNAMIC RAM WITH FAST PAGE MODE
More results

Podobny opis - KM416C256D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
KM416C1000C SAMSUNG-KM416C1000C Datasheet
767Kb / 34P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
KM416V4000B SAMSUNG-KM416V4000B Datasheet
767Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F661612D SAMSUNG-K4F661612D Datasheet
390Kb / 35P
   4M X 16BIT CMOS DYNAMIC RAM WITH FAST PAGE MODE
K4F661612E SAMSUNG-K4F661612E Datasheet
386Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
KM416V4000C SAMSUNG-KM416V4000C Datasheet
88Kb / 9P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F171611D SAMSUNG-K4F171611D Datasheet
528Kb / 34P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
KM416C1000B SAMSUNG-KM416C1000B Datasheet
84Kb / 8P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
KM416C4000B SAMSUNG-KM416C4000B Datasheet
826Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
KM416C4000C SAMSUNG-KM416C4000C Datasheet
901Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F661612C SAMSUNG-K4F661612C Datasheet
844Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com