Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KM416C4100B Arkusz danych(PDF) 7 Page - Samsung semiconductor

Numer części KM416C4100B
Szczegółowy opis  4M x 16bit CMOS Dynamic RAM with Fast Page Mode
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAMSUNG [Samsung semiconductor]
Strona internetowa  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM416C4100B Arkusz danych(HTML) 7 Page - Samsung semiconductor

Back Button KM416C4100B Datasheet HTML 3Page - Samsung semiconductor KM416C4100B Datasheet HTML 4Page - Samsung semiconductor KM416C4100B Datasheet HTML 5Page - Samsung semiconductor KM416C4100B Datasheet HTML 6Page - Samsung semiconductor KM416C4100B Datasheet HTML 7Page - Samsung semiconductor KM416C4100B Datasheet HTML 8Page - Samsung semiconductor KM416C4100B Datasheet HTML 9Page - Samsung semiconductor KM416C4100B Datasheet HTML 10Page - Samsung semiconductor KM416C4100B Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
KM416C4000B, KM416C4100B
CMOS DRAM
TEST MODE CYCLE
Parameter
Symbol
-45
-5
-6
Units
Note
Min
Max
Min
Max
Min
Max
Random read or write cycle time
tRC
85
95
115
ns
Read-modify-write cycle time
tRWC
120
138
160
ns
Access time from RAS
tRAC
50
55
65
ns
3,4,10,12
Access time from CAS
tCAC
17
18
20
ns
3,4,5,12
Access time from column address
tAA
28
30
35
ns
3,10,12
RAS pulse width
tRAS
50
10K
55
10K
65
10K
ns
CAS pulse width
tCAS
17
10K
18
10K
20
10K
ns
RAS hold time
tRSH
17
18
20
ns
CAS hold time
tCSH
50
55
65
ns
Column Address to RAS lead time
tRAL
28
30
35
ns
CAS to W delay time
tCWD
37
41
43
ns
7
RAS to W delay time
tRWD
72
78
88
ns
7
Column Address to W delay time
tAWD
48
53
58
ns
7
Fast Page mode cycle time
tPC
36
40
45
ns
Fast Page mode read-modify-write cycle time
tPRWC
75
81
90
ns
RAS pulse width (Fast Page cycle)
tRASP
50
200K
55
200K
65
200K
ns
Access time from CAS precharge
tCPA
31
35
40
ns
3
OE access time
tOEA
17
18
20
ns
OE to data delay
tOED
17
18
18
ns
OE command hold time
tOEH
17
18
20
ns
( Note 11 )


Podobny numer części - KM416C4100B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
KM416C4100C SAMSUNG-KM416C4100C Datasheet
901Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
More results

Podobny opis - KM416C4100B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
KM416V4000B SAMSUNG-KM416V4000B Datasheet
767Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F661612D SAMSUNG-K4F661612D Datasheet
390Kb / 35P
   4M X 16BIT CMOS DYNAMIC RAM WITH FAST PAGE MODE
K4F661612E SAMSUNG-K4F661612E Datasheet
386Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
KM416V4000C SAMSUNG-KM416V4000C Datasheet
88Kb / 9P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
KM416C4000C SAMSUNG-KM416C4000C Datasheet
901Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F661612C SAMSUNG-K4F661612C Datasheet
844Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F661612B SAMSUNG-K4F661612B Datasheet
844Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
KM416C1000C SAMSUNG-KM416C1000C Datasheet
767Kb / 34P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
K4F171611D SAMSUNG-K4F171611D Datasheet
528Kb / 34P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
KM416C1000B SAMSUNG-KM416C1000B Datasheet
84Kb / 8P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com