Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KM416C1004C-L6 Arkusz danych(PDF) 6 Page - Samsung semiconductor

Numer części KM416C1004C-L6
Szczegółowy opis  1M x 16Bit CMOS Dynamic RAM with Extended Data Out
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAMSUNG [Samsung semiconductor]
Strona internetowa  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM416C1004C-L6 Arkusz danych(HTML) 6 Page - Samsung semiconductor

Back Button KM416C1004C-L6 Datasheet HTML 2Page - Samsung semiconductor KM416C1004C-L6 Datasheet HTML 3Page - Samsung semiconductor KM416C1004C-L6 Datasheet HTML 4Page - Samsung semiconductor KM416C1004C-L6 Datasheet HTML 5Page - Samsung semiconductor KM416C1004C-L6 Datasheet HTML 6Page - Samsung semiconductor KM416C1004C-L6 Datasheet HTML 7Page - Samsung semiconductor KM416C1004C-L6 Datasheet HTML 8Page - Samsung semiconductor KM416C1004C-L6 Datasheet HTML 9Page - Samsung semiconductor KM416C1004C-L6 Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
KM416C1004C, KM416C1204C
CMOS DRAM
KM416V1004C, KM416V1204C
AC CHARACTERISTICS (Continued)
Parameter
Symbol
-45
-5
-6
Units
Notes
Min
Max
Min
Max
Min
Max
Data set-up time
tDS
0
0
0
ns
9,17
Data hold time
tDH
7
8
10
ns
9,17
Refresh period (1K, Normal)
tREF
16
16
16
ms
Refresh period (4K, Normal)
tREF
64
64
64
ms
Refresh period (L-ver)
tREF
128
128
128
ms
Write command set-up time
tWCS
0
0
0
ns
7
CAS to W delay time
tCWD
28
32
36
ns
7,13
RAS to W delay time
tRWD
59
67
79
ns
7
Column address W delay time
tAWD
37
42
49
ns
7
CAS precharge to W delay time
tCPWD
39
47
54
ns
7
CAS set-up time (CAS -before-RAS refresh)
tCSR
5
5
5
ns
15
CAS hold time (CAS -before-RAS refresh)
tCHR
10
10
10
ns
16
RAS to CAS precharge time
tRPC
5
5
5
ns
Access time from CAS precharge
tCPA
25
28
35
ns
3
Hyper Page mode cycle time
tHPC
18
20
25
ns
18
Hyper Page read-modify-write cycle time
tHPRWC
39
47
56
ns
18
CAS precharge time (Hyper Page cycle)
tCP
7
8
10
ns
12
RAS pulse width (Hyper Page cycle)
tRASP
45
200K
50
200K
60
200K
ns
RAS hold time from CAS precharge
tRHCP
27
30
35
ns
OE access time
tOEA
13
13
15
ns
3
OE to data delay
tOED
10
13
15
ns
Output buffer turn off delay time from OE
tOEZ
3
13
3
13
3
15
ns
6
OE command hold time
tOEH
10
13
15
ns
Output data hold time
tDOH
4
5
5
ns
Output buffer turn off delay from RAS
tREZ
3
13
3
13
3
15
ns
6,19
Output buffer turn off delay from W
tWEZ
3
13
3
13
3
15
ns
6
W to data delay
tWED
15
15
15
ns
OE to CAS hold time
tOCH
5
5
5
ns
CAS hold time to OE
tCHO
5
5
5
ns
OE precharge time
tOEP
5
5
5
ns
W pulse width (Hyper Page Cycle)
tWPE
5
5
5
ns
RAS pulse width (C-B-R self refresh)
tRASS
100
100
100
us
20,21,22
RAS precharge time (C-B-R self refresh)
tRPS
79
90
110
ns
20,21,22
CAS hold time (C-B-R self refresh)
tCHS
-50
-50
-50
ns
20,21,22


Podobny numer części - KM416C1004C-L6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
KM416C1000B SAMSUNG-KM416C1000B Datasheet
84Kb / 8P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
KM416C1000C SAMSUNG-KM416C1000C Datasheet
767Kb / 34P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
More results

Podobny opis - KM416C1004C-L6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
K4E171611D SAMSUNG-K4E171611D Datasheet
553Kb / 35P
   1M x 16Bit CMOS Dynamic RAM with Extended Data Out
KM416C254D SAMSUNG-KM416C254D Datasheet
840Kb / 36P
   256K x 16Bit CMOS Dynamic RAM with Extended Data Out
KM416V4004C SAMSUNG-KM416V4004C Datasheet
808Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416V1204BJ SAMSUNG-KM416V1204BJ Datasheet
2Mb / 31P
   1M x 16BIT CMOS DYNAMIT RAM WITH EXTENDED DATA OUT
K4E661612C SAMSUNG-K4E661612C Datasheet
884Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
K4E661612B SAMSUNG-K4E661612B Datasheet
885Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416V4004B SAMSUNG-KM416V4004B Datasheet
806Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
K4E661611D SAMSUNG-K4E661611D Datasheet
882Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416C4004C SAMSUNG-KM416C4004C Datasheet
946Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416V1004A SAMSUNG-KM416V1004A Datasheet
1Mb / 35P
   1M x 16 BIT CMOS DYNAMIC RAM WITH EXTENDED DATA OUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com