Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KM6264BLP-12L Arkusz danych(PDF) 3 Page - Samsung semiconductor

Numer części KM6264BLP-12L
Szczegółowy opis  8Kx8 bit Low Power CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAMSUNG [Samsung semiconductor]
Strona internetowa  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM6264BLP-12L Arkusz danych(HTML) 3 Page - Samsung semiconductor

  KM6264BLP-12L Datasheet HTML 1Page - Samsung semiconductor KM6264BLP-12L Datasheet HTML 2Page - Samsung semiconductor KM6264BLP-12L Datasheet HTML 3Page - Samsung semiconductor KM6264BLP-12L Datasheet HTML 4Page - Samsung semiconductor KM6264BLP-12L Datasheet HTML 5Page - Samsung semiconductor KM6264BLP-12L Datasheet HTML 6Page - Samsung semiconductor KM6264BLP-12L Datasheet HTML 7Page - Samsung semiconductor KM6264BLP-12L Datasheet HTML 8Page - Samsung semiconductor KM6264BLP-12L Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
KM6264B Family
ELECTRONICS
CMOS SRAM
Revision. 0.0
Auust. 1996
3
ABSOLUTE MAXIMUM RATINGS *
Voltage on any pin relative to Vss
Voltage on Vcc supply relative to Vss
Power Dissipation
Storage temperature
Operating Temperature
Soldering temperature and time
Symbol
Vin, Vout
Vcc
Pd
Tstg
Ta
Tsolder
-0.5 to Vcc+0.5
-0.5 to 7.0
1.0
-65 to 150
0 to 70
-25 to 85
-40 to 85
260 °C, 10sec(Lead Only)
Unit
V
V
W
°C
°C
°C
°C
-
-
-
-
-
KM6264BL/L-L
KM6264BLE/LE-L
KM6264BLI/LI-L
-
Supply voltage
Ground
Input high voltage
Input low voltage
RECOMMENDED DC OPERATING CONDITIONS*
Symbol
Vcc
Vss
Vih
Vil
Min
4.5
0
2.2
-0.5***
Max
5.5
0
Vcc+0.5
0.8
Unit
V
V
V
V
Input capacitance
Input/Output capacitance
CAPACITANCE * (f=1MHz, Ta=25 °C)
Symbol
Cin
Cio
Test Condition
Vin=0V
Vio=0V
Min
-
-
Unit
pF
pF
Max
6
8
* Stresses greater than those listed under 'Absolute Maximum Ratings' may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other conditions above those indicated in the operating section of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
* 1) Commercial Product : Ta=0 to 70 ° C, unless otherwise specified
2) Extended Product : Ta=-25 to 85 ° C, unless otherwise specified
3) Industrial Product : Ta=-40 to 85 ° C, unless otherwise specified
** Ta=25 ° C
*** Vil(min)=-3.0V for ¡ Â
50ns pulse
* Capacitance is sampled not 100% tested
Item
Item
Item
Ratings
Remark
Typ**
5.0
0
-
-


Podobny numer części - KM6264BLP-12L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
KM62256 SAMSUNG-KM62256 Datasheet
158Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256C SAMSUNG-KM62256C Datasheet
158Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256CL SAMSUNG-KM62256CL Datasheet
162Kb / 10P
   32Kx8 bit Low Power CMOS Static RAM
KM62256CLG-4 SAMSUNG-KM62256CLG-4 Datasheet
162Kb / 10P
   32Kx8 bit Low Power CMOS Static RAM
KM62256CLG-4L SAMSUNG-KM62256CLG-4L Datasheet
162Kb / 10P
   32Kx8 bit Low Power CMOS Static RAM
More results

Podobny opis - KM6264BLP-12L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pyramid Semiconductor C...
P4C164LL PYRAMID-P4C164LL Datasheet
895Kb / 10P
   VERY LOW POWER 8Kx8 STATIC CMOS RAM
logo
Cypress Semiconductor
CY7C186 CYPRESS-CY7C186 Datasheet
157Kb / 9P
   8Kx8 Static RAM
logo
Samsung semiconductor
K6T1008C2E SAMSUNG-K6T1008C2E Datasheet
190Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
KM684000C SAMSUNG-KM684000C Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
KM68512B SAMSUNG-KM68512B Datasheet
126Kb / 9P
   64Kx8 bit Low Power CMOS Static RAM
KM684000B SAMSUNG-KM684000B Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6L0908C2A SAMSUNG-K6L0908C2A Datasheet
143Kb / 9P
   64Kx8 bit Low Power CMOS Static RAM
K6T0808C1D SAMSUNG-K6T0808C1D Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6X1008T2D SAMSUNG-K6X1008T2D Datasheet
153Kb / 9P
   128Kx8 bit Low Power CMOS Static RAM
K6T4016C3B SAMSUNG-K6T4016C3B Datasheet
149Kb / 9P
   256Kx16 bit Low Power CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com