Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KM62256CLRGE-7 Arkusz danych(PDF) 5 Page - Samsung semiconductor

Numer części KM62256CLRGE-7
Szczegółowy opis  32Kx8 bit Low Power CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAMSUNG [Samsung semiconductor]
Strona internetowa  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM62256CLRGE-7 Arkusz danych(HTML) 5 Page - Samsung semiconductor

  KM62256CLRGE-7 Datasheet HTML 1Page - Samsung semiconductor KM62256CLRGE-7 Datasheet HTML 2Page - Samsung semiconductor KM62256CLRGE-7 Datasheet HTML 3Page - Samsung semiconductor KM62256CLRGE-7 Datasheet HTML 4Page - Samsung semiconductor KM62256CLRGE-7 Datasheet HTML 5Page - Samsung semiconductor KM62256CLRGE-7 Datasheet HTML 6Page - Samsung semiconductor KM62256CLRGE-7 Datasheet HTML 7Page - Samsung semiconductor KM62256CLRGE-7 Datasheet HTML 8Page - Samsung semiconductor KM62256CLRGE-7 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
PRELIMINARY
Revision 3.0
KM62256C Family
CMOS SRAM
April 1996
TEST CONDITIONS(2. Temperature and Vcc Conditions)
* The parameter is measured with 30pF test load
Product Family
Temperature
Power Supply(Vcc)
Speed Bin
Comments
KM62256CL/L-L
0~70¡É
5V ¡¾ 10%
45*/55/70ns
Commercial
KM62256CLE/LE-L
-25~85¡É
5V ¡¾ 10%
70/100ns
Extended
KM62256CLI/LI-L
-40~85¡É
5V ¡¾ 10%
70/100ns
Industrial
PARAMETER LIST FOR EACH SPEED BIN
* The parameter is measured with 30pF test load
Parameter List
Symbol
Speed Bins
Units
45ns*
55ns
70ns
100ns
Min
Max
Min
Max
Min
Max
Min
Max
Read
Read cycle time
tRC
45
-
55
-
70
-
100
-
ns
Address access time
tAA
-
45
-
55
-
70
-
100
ns
Chip select to output
tCO
-
45
-
55
-
70
-
100
ns
Output enable to valid output
tOE
-
25
-
25
-
35
-
50
ns
Chip select to low-Z output
tLZ
10
-
10
-
10
-
10
-
ns
Output enable to low-Z output
tOLZ
5
-
5
-
5
-
5
-
ns
Chip disable to high-Z output
tHZ
0
20
0
20
0
30
0
35
ns
Output disable to high-Z output
tOHZ
0
20
0
20
0
30
0
35
ns
Output hold from address change
tOH
5
-
5
-
5
-
5
-
ns
Write
Write cycle time
tWC
45
-
55
-
70
-
100
-
ns
Chip select to end of write
tCW
45
-
45
-
60
-
80
-
ns
Address set-up time
tAS
0
-
0
-
0
-
0
-
ns
Address valid to end of write
tAW
45
-
45
-
60
-
80
-
ns
Write pulse width
tWP
40
-
40
-
50
-
60
-
ns
Write recovery time
tWR
0
-
0
-
0
-
0
-
ns
Write to output high-Z
tWHZ
0
20
0
20
0
25
0
35
ns
Data to write time overlap
tDW
25
-
25
-
30
-
50
-
ns
Data hold from write time
tDH
0
-
0
-
0
-
0
-
ns
End write to output low-Z
tOW
5
-
5
-
5
-
5
-
ns


Podobny numer części - KM62256CLRGE-7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
KM62256CLRGE-7L SAMSUNG-KM62256CLRGE-7L Datasheet
158Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
More results

Podobny opis - KM62256CLRGE-7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
K6X0808T1D SAMSUNG-K6X0808T1D Datasheet
153Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6T0808C1D SAMSUNG-K6T0808C1D Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256D SAMSUNG-KM62256D Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6X0808C1D SAMSUNG-K6X0808C1D Datasheet
166Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256C SAMSUNG-KM62256C Datasheet
158Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62V256C SAMSUNG-KM62V256C Datasheet
90Kb / 12P
   32Kx8 bit Low Power AND Low Vcc CMOS Static RAM
KM62U256D SAMSUNG-KM62U256D Datasheet
162Kb / 9P
   32Kx8 bit Low Power and Low Voltage CMOS Static RAM
K6E0808C1C-C SAMSUNG-K6E0808C1C-C Datasheet
168Kb / 8P
   32Kx8 Bit High Speed CMOS Static RAM
logo
NanoAmp Solutions, Inc.
ES62UL256 NANOAMP-ES62UL256 Datasheet
57Kb / 6P
   32Kx8 Bit Ultra-Low Power Asynchronous Static RAM
logo
Weida Semiconductor, In...
WCMS0808C1X WEIDA-WCMS0808C1X Datasheet
222Kb / 10P
   32Kx8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com