Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KM681000BLRE-7 Arkusz danych(PDF) 2 Page - Samsung semiconductor

Numer części KM681000BLRE-7
Szczegółowy opis  128K x8 bit Low Power CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAMSUNG [Samsung semiconductor]
Strona internetowa  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM681000BLRE-7 Arkusz danych(HTML) 2 Page - Samsung semiconductor

  KM681000BLRE-7 Datasheet HTML 1Page - Samsung semiconductor KM681000BLRE-7 Datasheet HTML 2Page - Samsung semiconductor KM681000BLRE-7 Datasheet HTML 3Page - Samsung semiconductor KM681000BLRE-7 Datasheet HTML 4Page - Samsung semiconductor KM681000BLRE-7 Datasheet HTML 5Page - Samsung semiconductor KM681000BLRE-7 Datasheet HTML 6Page - Samsung semiconductor KM681000BLRE-7 Datasheet HTML 7Page - Samsung semiconductor KM681000BLRE-7 Datasheet HTML 8Page - Samsung semiconductor KM681000BLRE-7 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
PRELIMINARY
Revision 0.3
KM681000B Family
CMOS SRAM
April 1996
PRODUCT LIST & ORDERING INFORMATION
PRODUCT LIST
Commercial Temp Product
(0~70¡É)
Extended Temp Products
(-25~85¡É)
Industrial Temp Products
(-40~85¡É)
Part Name
Function
Part Name
Function
Part Name
Function
KM681000BLP-5
KM681000BLP-5L
KM681000BLP-7
KM681000BLP-7L
KM681000BLG-5
KM681000BLG-5L
KM681000BLG-7
KM681000BLG-7L
KM681000BLT-5
KM681000BLT-5L
KM681000BLT-7
KM681000BLT-7L
KM681000BLR-5
KM681000BLR-5L
KM681000BLR-7
KM681000BLR-7L
32-DIP,55ns,L-pwr
32-DIP,55ns,LL-pwr
32-DIP,70ns,L-pwr
32-DIP,70ns,LL-pwr
32-SOP,55ns,L-pwr
32-SOP,55ns,LL-pwr
32-SOP,70ns,L-pwr
32-SOP,70ns,LL-pwr
32-TSOP F,55ns,L-pwr
32-TSOP F,55ns,LL-pwr
32-TSOP F,70ns,L-pwr
32-TSOP F,70ns,LL-pwr
32-TSOP R,55ns,L-pwr
32-TSOP R,55ns,LL-pwr
32-TSOP R,70ns,L-pwr
32-TSOP R,70ns,LL-pwr
KM681000BLGE-7
KM681000BLGE-7L
KM681000BLGE-10
KM681000BLGE-10L
KM681000BLTE-7
KM681000BLTE-7L
KM681000BLTE-10
KM681000BLTE-10L
KM681000BLRE-7
KM681000BLRE-7L
KM681000BLRE-10
KM681000BLRE-10L
32-SOP,70ns,L-pwr
32-SOP,70ns,LL-pwr
32-SOP,100ns,L-pwr
32-SOP,100ns,LL-pwr
32-TSOP F,70ns,L-pwr
32-TSOP F,70ns,LL-pwr
32-TSOP F,100ns,L-pwr
32-TSOP F,100ns,LL-pwr
32-TSOP R,70ns,L-pwr
32-TSOP R,70ns,LL-pwr
32-TSOP R,100ns,L-pwr
32-TSOP R,100ns,LL-pwr
KM681000BLGI-7
KM681000BLGI-7L
KM681000BLGI-10
KM681000BLGI-10L
KM681000BLTI-7
KM681000BLTI-7L
KM681000BLTI-10
KM681000BLTI-10L
KM681000BLRI-7
KM681000BLRI-7L
KM681000BLRI-10
KM681000BLRI-10L
32-SOP,70ns,L-pwr
32-SOP,70ns,LL-pwr
32-SOP,100ns,L-pwr
32-SOP,100ns,LL-pwr
32-TSOP F,70ns,L-pwr
32-TSOP F,70ns,LL-pwr
32-TSOP F,100ns,L-pwr
32-TSOP F,100ns,LL-pwr
32-TSOP R,70ns,L-pwr
32-TSOP R,70ns,LL-pwr
32-TSOP R,100ns,L-pwr
32-TSOP R,100ns,LL-pwr
ORDERING INFORMATION
KM6 8 X 1000 B X X X - XX X
L-Low Low Power, Blank-Low Power or High Power
Access Time : 5=55ns, 7=70ns, 10=100ns
L-Low Power or Low Low Power, Blank-High Power
Die Version : B=3 rd generation
Density : 1000=1Mbit
Bank=5V, V=3.0~3.6V, U=2.7~3.3V
Organization : 8=x8
SEC Standard SRAM
¢¥
Operating temperature : Blank=Commerial, I=Industrial, E=Extended,
Package Type : P-DIP, G=SOP, T=TSOP Forward, R=TSOP Reverse


Podobny numer części - KM681000BLRE-7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
KM681000C SAMSUNG-KM681000C Datasheet
191Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
KM681000CL SAMSUNG-KM681000CL Datasheet
191Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
KM681000CL-L SAMSUNG-KM681000CL-L Datasheet
191Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
KM681000CLG-5 SAMSUNG-KM681000CLG-5 Datasheet
191Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
KM681000CLG-5L SAMSUNG-KM681000CLG-5L Datasheet
191Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
More results

Podobny opis - KM681000BLRE-7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
KM681000C SAMSUNG-KM681000C Datasheet
191Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
K6T1008C2C SAMSUNG-K6T1008C2C Datasheet
189Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
K6T1008V2C-TB70 SAMSUNG-K6T1008V2C-TB70 Datasheet
149Kb / 11P
   128K x8 bit Low Power and Low Voltage CMOS Static RAM
logo
Emerging Memory & Logic...
EM610FV8T EMLSI-EM610FV8T Datasheet
188Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM610FV8 EMLSI-EM610FV8 Datasheet
70Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM610FV8S EMLSI-EM610FV8S Datasheet
67Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM641FT8V EMLSI-EM641FT8V Datasheet
435Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8 EMLSI-EM641FT8 Datasheet
387Kb / 10P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8S EMLSI-EM641FT8S Datasheet
863Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8T EMLSI-EM641FT8T Datasheet
475Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com