Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD-48025-009 Arkusz danych(PDF) 1 Page - Molex Electronics Ltd.

Numer części SD-48025-009
Szczegółowy opis  Modular Jack, Right Angle, 10/100, with Integrated Magnetic and LED, 8/8, Lead free
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOLEX6 [Molex Electronics Ltd.]
Strona internetowa  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

SD-48025-009 Arkusz danych(HTML) 1 Page - Molex Electronics Ltd.

  SD-48025-009 Datasheet HTML 1Page - Molex Electronics Ltd. SD-48025-009 Datasheet HTML 2Page - Molex Electronics Ltd. SD-48025-009 Datasheet HTML 3Page - Molex Electronics Ltd. SD-48025-009 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0480251090
Status:
Active
Overview:
magnetic_modular_jacks
Description:
Modular Jack, Right Angle, 10/100, with Integrated Magnetic and LED, 8/8, Lead free
Documents:
3D Model
Product Specification PS-48025-005 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E107635
General
Product Family
Modular Jacks/Plugs
Series
48025
Comments
With LED
Component Type
PCB Jack
Magnetic
Yes
Overview
magnetic_modular_jacks
Performance Category
5
Power over Ethernet (PoE)
Non-PoE
Product Name
Magnetic Jack
Physical
Boot Color
N/A
Color - Resin
Black
Durability (mating cycles max)
750
Flammability
94V-0
Inverted / Top Latch
Yes
Keying to Mating Part
Yes
Lightpipes/LEDs
LEDs
Material - Metal
Brass, Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Nylon
Orientation
Right Angle (Side Entry)
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.063 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.050 In
Pitch - Mating Interface (mm)
1.27 mm
Pitch - Term. Interface (in)
0.050 In
Pitch - Term. Interface (mm)
1.27 mm
Ports
1
Positions / Loaded Contacts
8/8
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +70°C
Termination Interface: Style
Through Hole
Waterproof / Dustproof
No
Wire/Cable Type
N/A
Electrical
Current - Maximum per Contact
1.5A
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
48025Series
Mates With
FCC 68 Plugs


Podobny numer części - SD-48025-009

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
SD-48025-006 MOLEX6-SD-48025-006 Datasheet
198Kb / 4P
   Modular Jack, Right Angle, 10/100, with Integrated Magnetic and LED
More results

Podobny opis - SD-48025-009

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
0480251190 MOLEX6-0480251190 Datasheet
200Kb / 4P
   Modular Jack, Right Angle, 10/100, with Integrated Magnetic and LED, 8/8, Lead free
0480251090 MOLEX1-0480251090_18 Datasheet
34Kb / 2P
   Modular Jack, Right Angle, 10/100, with Integrated Magnetic and LED, 8/8, Lead-Free
0480251190 MOLEX1-0480251190_18 Datasheet
34Kb / 2P
   Modular Jack, Right Angle, 10/100, with Integrated Magnetic and LED, 8/8, Lead-Free
0480253090 MOLEX6-0480253090 Datasheet
188Kb / 4P
   Modular Jack, Right Angle, 10/100, with Integrated Magnetic, 8/8, without LED, Lead free
0480250091 MOLEX1-0480250091_18 Datasheet
34Kb / 2P
   Modular Jack, Right Angle, 10/100, with Integrated Magnetic and LED, 8/8
0480250002 MOLEX1-0480250002_18 Datasheet
34Kb / 2P
   Modular Jack, Right Angle, 10/100, with Integrated Magnetic and LED, 8/8
0480252090 MOLEX6-0480252090 Datasheet
177Kb / 4P
   Modular Jack, Right Angle, 10/100, with Integrated Magnetic and LED, 8/8, without Ground Shield, Lead free
0480251091 MOLEX6-0480251091 Datasheet
188Kb / 4P
   Modular Jack, Right Angle, 10/100, with Integrated Magnetic and LED, 8/8, without EMI Fingers, Lead free
0480251091 MOLEX1-0480251091_18 Datasheet
33Kb / 2P
   Modular Jack, Right Angle, 10/100, with Integrated Magnetic and LED, 8/8, without EMI Fingers, Lead-Free
0480749001 MOLEX6-0480749001 Datasheet
201Kb / 4P
   Modular Jack, Right Angle, SMT, 10/100, with Integrated Magnetics and LED, 8/8, Lead free
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com