Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD-45971-001 Arkusz danych(PDF) 1 Page - Molex Electronics Ltd.

Numer części SD-45971-001
Szczegółowy opis  1.27mm (.050") by 1.27mm (.050") Pitch SEARAY Receptacle, 500 Circuits, 8.00mm (.314") Unmated Height
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOLEX6 [Molex Electronics Ltd.]
Strona internetowa  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

SD-45971-001 Arkusz danych(HTML) 1 Page - Molex Electronics Ltd.

  SD-45971-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-45971-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-45971-001 Datasheet HTML 3Page - Molex Electronics Ltd. SD-45971-001 Datasheet HTML 4Page - Molex Electronics Ltd. SD-45971-001 Datasheet HTML 5Page - Molex Electronics Ltd. SD-45971-001 Datasheet HTML 6Page - Molex Electronics Ltd. SD-45971-001 Datasheet HTML 7Page - Molex Electronics Ltd. SD-45971-001 Datasheet HTML 8Page - Molex Electronics Ltd. SD-45971-001 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0459715515
Status:
Active
Description:
1.27mm (.050") by 1.27mm (.050") Pitch SEARAY* Receptacle, 500 Circuits, 8.00mm
(.314") Unmated Height, 10 Rows, With Pegs, Solder Charge™
Documents:
3D Model
Product Specification PS-45970-002 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-45970-001 (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Receptacles
Series
45971
Application
Board-to-Board
Product Name
SEARAY*
Physical
Circuits (Loaded)
500
Circuits (maximum)
500
Circuits Detail
500
Color - Resin
Black
Durability (mating cycles max)
100
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
No
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
10
Orientation
Vertical
PC Tail Length (in)
0.086 In
PC Tail Length (mm)
2.18 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.57 mm
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.050 In
Pitch - Mating Interface (mm)
1.27 mm
Pitch - Term. Interface (in)
0.050 In
Pitch - Term. Interface (mm)
1.27 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.75
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Robotic Placement
Pick and Place Cap
Stackable
No
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
45971Series
Mates With
45970 SEARAY* Plug


Podobny numer części - SD-45971-001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
SD-45971-001 MOLEX6-SD-45971-001 Datasheet
1Mb / 12P
   1.27mm (.050") by 1.27mm (.050") Pitch SEARAY* Receptacle
SD-45971-001 MOLEX6-SD-45971-001 Datasheet
1Mb / 12P
   1.27mm (.050") by 1.27mm (.050") Pitch SEARAY* Receptacle
SD-45971-001 MOLEX6-SD-45971-001 Datasheet
1Mb / 12P
   1.27mm (.050") by 1.27mm (.050") Pitch SEARAY Receptacle, 300 Circuits, 6.00mm (.236") Unmated Height
SD-45971-001 MOLEX6-SD-45971-001 Datasheet
1Mb / 12P
   1.27mm (.050") by 1.27mm (.050") Pitch SEARAY Receptacle, 240 Circuits, 6.00mm (.236") Unmated Height, 8
SD-45971-001 MOLEX6-SD-45971-001 Datasheet
1Mb / 12P
   1.27mm (.050") by 1.27mm (.050") Pitch SEARAY Receptacle, 450 Circuits, 5.00mm (.196") Unmated Height
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com