Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD-45280-001 Arkusz danych(PDF) 1 Page - Molex Electronics Ltd.

Numer części SD-45280-001
Szczegółowy opis  3.00mm (.118") Pitch Micro-Fit 3.0 BMI CPI Compliant Pin Header, Blind Mate Interface, Dual Row, Vertical
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOLEX6 [Molex Electronics Ltd.]
Strona internetowa  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

SD-45280-001 Arkusz danych(HTML) 1 Page - Molex Electronics Ltd.

  SD-45280-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-45280-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-45280-001 Datasheet HTML 3Page - Molex Electronics Ltd. SD-45280-001 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0452801802
Status:
Active
Overview:
microfit_30
Description:
3.00mm (.118") Pitch Micro-Fit 3.0 BMI CPI™ Compliant Pin Header, Blind Mate
Interface, Dual Row, Vertical, 18 Circuits, PA Polyamide Nylon 4/6, UL 94V-0, 0.38µm
(15µ") Gold (Au) Selective Contact Plating, Tin/Lead (Sn/Pb) Tail Plating
Documents:
3D Model
Product Specification PS-44300-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
TUV
R72081037
UL
E29179
General
Product Family
PCB Headers
Series
45280
Application
Board-to-Board, Wire-to-Board
Application Tooling Part Link
622008400
Overview
microfit_30
Product Literature Order No
USA-106
Product Name
Micro-Fit 3.0 BMI CPI™
Physical
Breakaway
No
Circuits (Loaded)
18
Circuits (maximum)
18
Color - Resin
Black
Durability (mating cycles max)
30
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
Yes
Lock to Mating Part
None
Material - Metal
High Performance Alloy (HPA)
Material - Plating Mating
Gold
Material - Plating Termination
90/10 Tin Lead
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Vertical
PC Tail Length (in)
0.189 In
PC Tail Length (mm)
4.80 mm
PCB Locator
Yes
PCB Retention
Yes
Packaging Type
Tray
Pitch - Mating Interface (in)
0.118 In
Pitch - Mating Interface (mm)
3.00 mm
Plating min: Mating (µin)
15
Plating min: Mating (µm)
0.375
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Shrouded
Fully
Stackable
No
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
45280Series
Mates With
44133-1800 Panel Mount Receptacle,
44769-1802 Vertical Receptacle Header,
44764-1802 Right Angle Receptacle Header
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Micro-Fit™
Compliant Pin
Insertion Flat Rock
Tool
0622008400


Podobny numer części - SD-45280-001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
SD-45280-001 MOLEX6-SD-45280-001 Datasheet
193Kb / 4P
   3.00mm (.118") Pitch Micro-Fit 3.0 BMI CPI??Compliant Pin Header
SD-45280-001 MOLEX6-SD-45280-001 Datasheet
190Kb / 4P
   3.00mm (.118") Pitch Micro-Fit 3.0 BMI CPI Compliant Pin Header, Blind Mate Interface, Dual Row, Vertical
SD-45280-001 MOLEX6-SD-45280-001 Datasheet
193Kb / 4P
   3.00mm (.118") Pitch Micro-Fit 3.0 BMI CPI Compliant Pin Header, Blind Mate Interface, Dual Row, Vertical
SD-45280-001 MOLEX6-SD-45280-001 Datasheet
193Kb / 4P
   3.00mm (.118") Pitch Micro-Fit 3.0 BMI CPI Compliant Pin Header, Blind Mate Interface, Dual Row, Vertical
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com