Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

54561-6001 Arkusz danych(PDF) 1 Page - Molex Electronics Ltd.

Numer części 54561-6001
Szczegółowy opis  2.54mm (.100") Pitch QF-50??Flat Cable Strain Relief, 60 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOLEX7 [Molex Electronics Ltd.]
Strona internetowa  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

54561-6001 Arkusz danych(HTML) 1 Page - Molex Electronics Ltd.

  54561-6001 Datasheet HTML 1Page - Molex Electronics Ltd. 54561-6001 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0545616001
Status:
Active
Overview:
qf50
Description:
2.54mm (.100") Pitch QF-50™ Flat Cable Strain Relief, 60 Circuits
Documents:
Drawing (PDF)
Product Specification PS-54559-005 (PDF)
Product Specification PS-54559-004 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Accessories
Series
54561
Application Tooling Part Link
572525100
Component Type
Strain Relief
Overview
qf50
Product Name
QF-50™
Physical
Circuits (Loaded)
60
Gender
N/A
Packaging Type
Tray
Temperature Range - Operating
-40°C to +85°C
Material Info
Reference - Drawing Numbers
Product Specification
PS-54559-004, PS-54559-005, RPS-54559-008,
RPS-54559-010, RPS-54559-012, RPS-54559-014,
RPS-54559-015, RPS-54559-016, RPS-54559-017
Sales Drawing
SD-54561-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
54561Series
Use With
54560 Upper Housing, 54559 Receptacle
Housing
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Japan
Description
Product #
Clamp Tool For MIL
IDT Connector
0572525100
This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Podobny numer części - 54561-6001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
54561-6401 MOLEX7-54561-6401 Datasheet
107Kb / 2P
   2.54mm (.100") Pitch QF-50??Flat Cable Strain Relief, 64 Circuits
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com