Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

54332-2070 Arkusz danych(PDF) 1 Page - Molex Electronics Ltd.

Numer części 54332-2070
Szczegółowy opis  CRC??Shielded Rectangular I/O Plug Assembly Set, Female Terminal, Signal, 20Circuits, Polarization Type Standard, Lead Free
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOLEX7 [Molex Electronics Ltd.]
Strona internetowa  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

54332-2070 Arkusz danych(HTML) 1 Page - Molex Electronics Ltd.

  54332-2070 Datasheet HTML 1Page - Molex Electronics Ltd. 54332-2070 Datasheet HTML 2Page - Molex Electronics Ltd. 54332-2070 Datasheet HTML 3Page - Molex Electronics Ltd. 54332-2070 Datasheet HTML 4Page - Molex Electronics Ltd. 54332-2070 Datasheet HTML 5Page - Molex Electronics Ltd. 54332-2070 Datasheet HTML 6Page - Molex Electronics Ltd. 54332-2070 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
This document was generated on 04/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0543322070
Status:
Active
Description:
CRC™ Shielded Rectangular I/O Plug Assembly Set, Female Terminal, Signal, 20
Circuits, Polarization Type Standard, Lead Free
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-51238-018 (PDF)
General
Product Family
I/O Connectors
Series
54332
Application
Wire-to-Wire
Component Type
Kit
Product Name
CRC™
Type
N/A
Physical
Boot Color
N/A
Circuits (Loaded)
N/A
Circuits (maximum)
20
Color - Resin
Black, Gray
Gender
Plug
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Metal
Phosphor Bronze, Stainless Steel
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Polycarbonate, Polyester
Number of Rows
4
Orientation
Vertical
PCB Locator
No
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.118 In
Pitch - Mating Interface (mm)
3.00 mm
Pitch - Term. Interface (in)
0.118 In
Pitch - Term. Interface (mm)
3.00 mm
Polarized to Mating Part
Yes
Polarized to PCB
No
Ports
1
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Crimp or Compression
Waterproof / Dustproof
No
Electrical
Current - Maximum per Contact
2A, 3A, 4A, 5A, 7A
Shield Type
Full Shield
Shielded
Yes
Voltage - Maximum
250V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Product Specification
PS-51238-018, RPS-51238-001
Sales Drawing
SD-54332-006
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
54332Series
Mates With
51233-2010 receptacle housing,
55837-2000 receptacle assembly set,
55838-2000 receptacle assembly set


Podobny numer części - 54332-2070

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
54332-1270 MOLEX7-54332-1270 Datasheet
292Kb / 7P
   CRC??Shielded Rectangular I/O Plug Assembly Set, Female Terminal, Signal, 12Circuits, Polarization Type Standard, Lead Free
54332-3070 MOLEX7-54332-3070 Datasheet
292Kb / 7P
   CRC??Shielded Rectangular I/O Plug Assembly Set, Female Terminal, Signal, 30Circuits, Polarization Type Standard, Lead Free
54332-5001 MOLEX7-54332-5001 Datasheet
92Kb / 3P
   CRC??Shielded Rectangular I/O Plug Assembly Set, Female Terminal, With Shield Cover, Signal, 50 Circuits, Polarization Type Standard
54332-5003 MOLEX7-54332-5003 Datasheet
92Kb / 3P
   CRC??Shielded Rectangular I/O Plug Assembly Set, Female Terminal, With ShieldCover, Signal, 50 Circuits, Polarization Type B
More results

Podobny opis - 54332-2070

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
0543321270 MOLEX7-0543321270 Datasheet
292Kb / 7P
   CRC??Shielded Rectangular I/O Plug Assembly Set, Female Terminal, Signal, 12Circuits, Polarization Type Standard, Lead Free
0543323070 MOLEX7-0543323070 Datasheet
292Kb / 7P
   CRC??Shielded Rectangular I/O Plug Assembly Set, Female Terminal, Signal, 30Circuits, Polarization Type Standard, Lead Free
0558361270 MOLEX7-0558361270 Datasheet
292Kb / 7P
   CRC??Shielded Rectangular I/O Plug Assembly Set, Male Terminal, Signal, 12Circuits, Polarization Type Standard, Lead Free
0558363070 MOLEX7-0558363070 Datasheet
292Kb / 7P
   CRC??Shielded Rectangular I/O Plug Assembly Set, Male Terminal, Signal, 30Circuits, Polarization Type Standard, Lead Free
0558362070 MOLEX7-0558362070 Datasheet
292Kb / 7P
    CRC??Shielded Rectangular I/O Plug Assembly Set, Male Terminal, Signal, 20 Circuits, Polarization Type Standard, Lead Free
0512382011 MOLEX7-0512382011 Datasheet
376Kb / 6P
   CRC??Shielded Rectangular I/O Receptacle Housing for Female Terminal, Signal, 20Circuits, Polarization Type Standard
0558361272 MOLEX7-0558361272 Datasheet
292Kb / 7P
   CRC??Shielded Rectangular I/O Plug Assembly Set, Male Terminal, Signal, 12Circuits, Polarization Type B, Lead Free
0512970473 MOLEX7-0512970473 Datasheet
88Kb / 3P
   CRC??Shielded Rectangular I/O Plug Assembly Set, Female Terminal, Power, 4Circuits, Polarization Type C, Lead-free
0512970474 MOLEX7-0512970474 Datasheet
88Kb / 3P
   CRC??Shielded Rectangular I/O Plug Assembly Set, Female Terminal, Power, 4Circuits, Polarization Type D, Lead-free
0512970472 MOLEX7-0512970472 Datasheet
88Kb / 3P
   CRC??Shielded Rectangular I/O Plug Assembly Set, Female Terminal, Power, 4Circuits, Polarization Type B, Lead-free
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com