Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

54722-0204 Arkusz danych(PDF) 1 Page - Molex Electronics Ltd.

Numer części 54722-0204
Szczegółowy opis  0.50mm (.020") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, Vertical,1.50mm (.059") Stacking Height, Lower Circuit Size Version, 20 Circuits, Gold Platingwith Nickel Barrier Plating Between Contact and Tail
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOLEX7 [Molex Electronics Ltd.]
Strona internetowa  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

54722-0204 Arkusz danych(HTML) 1 Page - Molex Electronics Ltd.

  54722-0204 Datasheet HTML 1Page - Molex Electronics Ltd. 54722-0204 Datasheet HTML 2Page - Molex Electronics Ltd. 54722-0204 Datasheet HTML 3Page - Molex Electronics Ltd. 54722-0204 Datasheet HTML 4Page - Molex Electronics Ltd. 54722-0204 Datasheet HTML 5Page - Molex Electronics Ltd. 54722-0204 Datasheet HTML 6Page - Molex Electronics Ltd. 54722-0204 Datasheet HTML 7Page - Molex Electronics Ltd. 54722-0204 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
This document was generated on 04/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0547220204
Status:
Active
Description:
0.50mm (.020") Pitch SlimStack™ Receptacle, Surface Mount, Dual Row, Vertical,
1.50mm (.059") Stacking Height, Lower Circuit Size Version, 20 Circuits, Gold Plating
with Nickel Barrier Plating Between Contact and Tail
Documents:
3D Model
Product Specification PS-54722-010 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Receptacles
Series
54722
Application
Board-to-Board
Comments
Embossed Tape Reel Height: 380mm (14.961")|Gold
plating with Nickel plating between contact and tail
Product Name
SlimStack™
Physical
Circuits (Loaded)
20
Color - Resin
Black
Durability (mating cycles max)
30
Glow-Wire Compliant
No
Lock to Mating Part
None
Mated Height (in)
0.059 In
Mated Height (mm)
1.50 mm
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Gold
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Vertical
PCB Locator
No
PCB Retention
None
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.020 In
Pitch - Mating Interface (mm)
0.50 mm
Polarized to PCB
No
Surface Mount Compatible (SMC)
N/A
Temperature Range - Operating
-25°C to +85°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
0.5A
Voltage - Maximum
50V
Material Info
Reference - Drawing Numbers
Product Specification
PS-54722-010, RPS-54722-024, RPS-54722-027,
RPS-54722-031
Sales Drawing
SD-54722-011, SD-54722-012
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
54722Series
Mates With
55560 PCB Header
This document was generated on 04/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Podobny numer części - 54722-0204

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
54722-0244 MOLEX7-54722-0244 Datasheet
783Kb / 8P
   0.50mm (.020") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, Vertical1.50mm (.059") Stacking Height, Lower Circuit Size Version, 24 Circuits, Gold Platingwith Nickel Barrier Plating Between Contact and Tail
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com