Zakładka z wyszukiwarką danych komponentów |
|
54596-0210 Arkusz danych(PDF) 1 Page - Molex Electronics Ltd. |
|
54596-0210 Arkusz danych(HTML) 1 Page - Molex Electronics Ltd. |
1 / 3 page This document was generated on 06/07/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0545960210 Status: Active Description: MINI MI2. ASSY - SN Documents: 3D Model Product Specification PS-54596-021 (PDF) Drawing (PDF) Product Specification PS-54596-022 (PDF) Product Specification PS-54596-005 (PDF) Product Specification PS-54596-023 (PDF) Product Specification PS-54596-006 (PDF) Product Specification PS-54769-004 (PDF) Product Specification PS-54596-007 (PDF) Product Specification PS-54798-001 (PDF) Product Specification PS-54596-018 (PDF) Product Specification PS-55448-001 (PDF) Product Specification PS-54596-019 (PDF) Product Specification PS-55482-006 (PDF) Product Specification PS-54596-020 (PDF) RoHS Certificate of Compliance (PDF) General Product Family IDT and Solder Connectors Series 54596 Crimp Quality Equipment Yes MolexKits Yes Product Name Mini Mi II™ Physical Circuits (Loaded) 2 Color - Resin Natural Gender Female Glow-Wire Compliant No Lock to Mating Part None Material - Metal Phosphor Bronze Material - Plating Mating Tin Material - Plating Termination Tin Material - Resin Nylon Number of Rows 1 Packaging Type Bag Panel Mount No Pitch - Mating Interface (in) 0.049 In Pitch - Mating Interface (mm) 1.25 mm Plating min: Mating (µin) 36 Plating min: Mating (µm) 0.90 Plating min: Termination (µin) 36 Plating min: Termination (µm) 0.90 Stackable No Temperature Range - Operating -40°C to +105°C Termination Interface: Style IDT or Pierce Wire Insulation Diameter 0.80-0.90mm (.031-.035") Wire Size AWG 26, 28 Electrical Current - Maximum per Contact 1.5A Voltage - Maximum 100V Material Info Reference - Drawing Numbers Packaging Specification SPK-54596-001 Product Specification PS-54596-005, PS-54596-006, PS-54596-007, PS-54596-018, PS-54596-019, PS-54596-020, PS-54596-021, PS-54596-022, PS-54596-023, Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 54596Series Mates With 55451 , 55447 , 55454 , 55659 , 55456 , 55482 , 55450 Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Japan Description Product # Fully-Automated IDT Machine (XELOM- PLUS) 0578008300 Fully-Automated IDT Machine (XELOM- PLUS) 0578008400 IDT Bench-Top Terminator for Mini Mi II™ 0578277100 |
Podobny numer części - 54596-0210 |
|
Podobny opis - 54596-0210 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |