Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

54478-5215 Arkusz danych(PDF) 1 Page - Molex Electronics Ltd.

Numer części 54478-5215
Szczegółowy opis  HMC??Rectangular Industrial Female Housing, Single-Module Type, 52 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOLEX7 [Molex Electronics Ltd.]
Strona internetowa  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

54478-5215 Arkusz danych(HTML) 1 Page - Molex Electronics Ltd.

  54478-5215 Datasheet HTML 1Page - Molex Electronics Ltd. 54478-5215 Datasheet HTML 2Page - Molex Electronics Ltd. 54478-5215 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0544785215
Status:
Active
Description:
HMC™ Rectangular Industrial Female Housing, Single-Module Type, 52 Circuits
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-54478-001 (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
I/O Connectors
Series
54478
Application
Panel-Mount, Wire-to-Wire
Component Type
Housing
Product Name
HMC™
Type
N/A
Physical
Boot Color
N/A
Circuits (Loaded)
N/A
Circuits (maximum)
52
Durability (mating cycles max)
50
Flammability
94V-0
Gender
Female
Lock to Mating Part
Yes
Material - Plating Mating
n/a
Number of Rows
4
Orientation
Vertical
PCB Locator
No
Packaging Type
Bag
Panel Mount
N/A
Pitch - Mating Interface (in)
0.177 In
Pitch - Mating Interface (mm)
4.50 mm
Pitch - Term. Interface (in)
0.177 In
Pitch - Term. Interface (mm)
4.50 mm
Polarized to Mating Part
Yes
Polarized to PCB
N/A
Ports
1
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +125°C
Termination Interface: Style
N/A
Waterproof / Dustproof
Yes
Waterproof / Dustproof Type
IP65
Electrical
Current - Maximum per Contact
10A
Shielded
No
Voltage - Maximum
300V DC
Material Info
Reference - Drawing Numbers
Product Specification
PS-54478-001
Sales Drawing
SD-54478-5215
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
54478Series
Mates With
55347-5215 housing
Use With
58783-0010 panel-mount bracket, 54296
terminal, 58782-0010 hood bracket


Podobny numer części - 54478-5215

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
54478-4015 MOLEX7-54478-4015 Datasheet
115Kb / 3P
   HMC??Rectangular Industrial Female Housing, Single-Module, 40 Circuits, Type A Polarization
54478-4065 MOLEX7-54478-4065 Datasheet
115Kb / 3P
   HMC??Rectangular Industrial Female Housing, Single-Module, 40 Circuits, Type B Polarization
More results

Podobny opis - 54478-5215

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
0553475215 MOLEX7-0553475215 Datasheet
121Kb / 3P
   HMC??Rectangular Industrial Male Housing, Single-Module Type, 52 Circuits
0544791215 MOLEX7-0544791215 Datasheet
108Kb / 2P
   HMC??Rectangular Industrial Female Housing, Single-Module Type, 12 Circuits
0512041200 MOLEX7-0512041200 Datasheet
90Kb / 3P
   HMC??Rectangular Industrial Female Housing, Multi-Module Type, 12 Circuits
0511950800 MOLEX7-0511950800 Datasheet
94Kb / 3P
   HMC??Rectangular Industrial Female Housing, Multi-Module Type, 8 Circuits
0544784015 MOLEX7-0544784015 Datasheet
115Kb / 3P
   HMC??Rectangular Industrial Female Housing, Single-Module, 40 Circuits, Type A Polarization
0511930600 MOLEX7-0511930600 Datasheet
85Kb / 3P
   HMC??Rectangular Industrial Female Housing, Multi-Module Type, 6 Circuits
0544784065 MOLEX7-0544784065 Datasheet
115Kb / 3P
   HMC??Rectangular Industrial Female Housing, Single-Module, 40 Circuits, Type B Polarization
0584620010 MOLEX7-0584620010 Datasheet
115Kb / 2P
   HMC??Rectangular Industrial Hood, Single-Module Type, Vertical, Large, ExternalThread, 52 Circuits
0553481215 MOLEX7-0553481215 Datasheet
108Kb / 3P
   HMC??Rectangular Industrial Male Housing, Single-Module Type, 12 Circuits
0553474015 MOLEX7-0553474015 Datasheet
116Kb / 3P
   HMC??Rectangular Industrial Male Housing, Single-Module, 40 Circuits, Type APolarization
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com