Zakładka z wyszukiwarką danych komponentów |
|
74062-2504 Arkusz danych(PDF) 1 Page - Molex Electronics Ltd. |
|
74062-2504 Arkusz danych(HTML) 1 Page - Molex Electronics Ltd. |
1 / 4 page This document was generated on 05/19/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0740622504 Status: Active Overview: vhdm Description: 2.00mm (.079") Pitch VHDM® Board-to-Board Backplane Header, Vertical, 8-Row, Guide Pin Signal Module, Shield End Version, Pin End Version, 200 Circuits, Pin Length 5.15mm (.203") Documents: Drawing (PDF) RoHS Certificate of Compliance (PDF) Agency Certification CSA LR19980 General Product Family Backplane Connectors Series 74062 Application Backplane Application Tooling Documents <a href="http://www.molex.com/pdm_docs/ats/ TM-622010999.pdf">Tooling Manual</a> Comments No Keying Position Component Type PCB Header Overview vhdm Product Name VHDM® Style N/A Physical Circuits (Loaded) 200 Circuits (maximum) 200 Color - Resin Black Durability (mating cycles max) 200 First Mate / Last Break No Flammability 94V-0 Guide to Mating Part Yes Keying to Mating Part None Material - Metal Beryllium Copper, High Performance Alloy (HPA), Stainless Steel Material - Plating Mating Gold Material - Plating Termination Tin-Lead Material - Resin High Temperature Thermoplastic Number of Columns N/A Number of Pairs Open Pin Field Number of Rows 8 Orientation Vertical PC Tail Length (in) 0.098 In PC Tail Length (mm) 2.50 mm PCB Locator No PCB Retention None PCB Thickness Recommended (in) 0.070 In PCB Thickness Recommended (mm) 1.80 mm Packaging Type Tube Pitch - Mating Interface (in) 0.079 In Pitch - Mating Interface (mm) 2.00 mm Pitch - Term. Interface (in) 0.079 In Pitch - Term. Interface (mm) 2.00 mm Plating min: Mating (µin) 30 Plating min: Mating (µm) 0.75 Series image - Reference only EU RoHS China RoHS RoHS Compliant by Exemption REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 74062Series Mates With 74040 VHDM® Board-to-Board Daughtercard Receptacle Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Flat Rock Tooling for Pneumatic Press 0622013700 VHDM® Signal Pin Inserter Repair Tool 0622015700 VHDM® 8 Row Pin and Shield Repair Tool 0622015900 |
Podobny numer części - 74062-2504 |
|
Podobny opis - 74062-2504 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |