Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74649-1102 Arkusz danych(PDF) 2 Page - Molex Electronics Ltd.

Numer części 74649-1102
Szczegółowy opis  2.00mm (.079) Pitch 8-Row VHDM-HSD??Backplane Header, Guide Pin Signal Module, Open End Version, Advanced Mate Shield, 80 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOLEX8 [Molex Electronics Ltd.]
Strona internetowa  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

74649-1102 Arkusz danych(HTML) 2 Page - Molex Electronics Ltd.

  74649-1102 Datasheet HTML 1Page - Molex Electronics Ltd. 74649-1102 Datasheet HTML 2Page - Molex Electronics Ltd. 74649-1102 Datasheet HTML 3Page - Molex Electronics Ltd. 74649-1102 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Polarized to PCB
Yes
Stackable
Yes
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-55°C to +105°C
Termination Interface: Style
Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact
1A
Data Rate
5.0 Gbps
Real Signals (per 25mm)
72
Shield Type
Ground Plane Shield
Shielded
Yes
Voltage - Maximum
250V
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-74060-003
Sales Drawing
SD-74649-003
VHDM-HSD is a trademark of Amphenol Corporation
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Podobny numer części - 74649-1102

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
74649-1101 MOLEX8-74649-1101 Datasheet
360Kb / 4P
   2.00mm (.079") Pitch 8-Row VHDM-HSD??Backplane Header, Guide Pin SignalModule, Open End Version, Advanced Mate Shield, 80 Circuits
74649-1104 MOLEX8-74649-1104 Datasheet
360Kb / 4P
   2.00mm (.079") Pitch 8-Row VHDM-HSD??Backplane Header, Guide Pin SignalModule, Open End Version, Advanced Mate Shield, 80 Circuits
More results

Podobny opis - 74649-1102

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
0746491104 MOLEX8-0746491104 Datasheet
360Kb / 4P
   2.00mm (.079") Pitch 8-Row VHDM-HSD??Backplane Header, Guide Pin SignalModule, Open End Version, Advanced Mate Shield, 80 Circuits
0746491101 MOLEX8-0746491101 Datasheet
360Kb / 4P
   2.00mm (.079") Pitch 8-Row VHDM-HSD??Backplane Header, Guide Pin SignalModule, Open End Version, Advanced Mate Shield, 80 Circuits
0746968512 MOLEX9-0746968512 Datasheet
380Kb / 5P
   2.00mm (.079) Pitch 5-Row VHDM-HSD??Backplane Header, Guide Pin Signal Module, Signal Pin End Version, Advanced Mate Shield
0746971104 MOLEX9-0746971104 Datasheet
289Kb / 4P
   2.00mm (.079) Pitch 5-Row VHDM-HSD??Backplane Header, Guide Pin Signal Module, Shield Pin End Version, Advanced Mate Shield, 40 Circuits
0746972609 MOLEX9-0746972609 Datasheet
289Kb / 4P
   2.00mm (.079) Pitch 5-Row VHDM-HSD??Backplane Header, Guide Pin Signal Module, Shield Pin End Version, Advanced Mate Shield, 100 Circuits
0746971102 MOLEX9-0746971102 Datasheet
289Kb / 4P
   2.00mm (.079) Pitch 5-Row VHDM-HSD??Backplane Header, Guide Pin Signal Module, Shield Pin End Version, Advanced Mate Shield, 40 Circuits
0746512511 MOLEX8-0746512511 Datasheet
423Kb / 4P
   2.00mm (.079") Pitch 8-Row VHDM-HSD Backplane Header, Guide Pin Signal Module, Shield End Version
0746961103 MOLEX9-0746961103 Datasheet
296Kb / 4P
   2.00mm (.079) Pitch 5-Row VHDM-HSD??Backplane Header, Guide Pin Signal Module, Signal Pin End Version, Advanced Mate Shield, 40 Circuits
0746512514 MOLEX8-0746512514 Datasheet
423Kb / 4P
   2.00mm (.079") Pitch 8-Row VHDM-HSD Backplane Header, Guide Pin Signal Module, Shield End Version
0746511112 MOLEX8-0746511112 Datasheet
372Kb / 4P
   2.00mm (.079") Pitch 8-Row VHDM-HSD??Backplane Header, Guide Pin SignalModule, Shield Pin End Version, Advanced Mate Shield, 60 Circuits
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com