Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74320-4804 Arkusz danych(PDF) 2 Page - Molex Electronics Ltd.

Numer części 74320-4804
Szczegółowy opis  MicroCross??DVI-D Digital Visual Interface, PCB Receptacle, Polyester (PCT), Panel Mount, Through Hole, Right Angle, Gold (Au) Flash, 2.34mm (.092) PC Tail Length
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOLEX8 [Molex Electronics Ltd.]
Strona internetowa  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

74320-4804 Arkusz danych(HTML) 2 Page - Molex Electronics Ltd.

  74320-4804 Datasheet HTML 1Page - Molex Electronics Ltd. 74320-4804 Datasheet HTML 2Page - Molex Electronics Ltd. 74320-4804 Datasheet HTML 3Page - Molex Electronics Ltd. 74320-4804 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Waterproof / Dustproof
No
Wire Size AWG
N/A
Electrical
Current - Maximum per Contact
3A
Grounding to Panel
Yes
Shield Type
Full Shield
Shielded
Yes
Voltage - Maximum
40V AC (RMS)
Material Info
Reference - Drawing Numbers
Product Specification
PS-74320-001, RPS-74320-014, RPS-74320-015,
RPS-74320-018
Sales Drawing
SD-74320-045
This document was generated on 05/10/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Podobny numer części - 74320-4804

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
74320-4807 MOLEX8-74320-4807 Datasheet
259Kb / 4P
   MicroCross??DVI-D Digital Visual Interface, PCB Receptacle, Polyester (PCT), PanelMount, Through Hole, Right Angle, Gold (Au) Flash, 3.12mm (.123") PC Tail Length
More results

Podobny opis - 74320-4804

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
0673514804 MOLEX7-0673514804 Datasheet
188Kb / 4P
   MicroCross??DVI-D Digital Visual Interface, PCB Receptacle, Polyester (PBT),Through Hole, Right Angle, Gold (Au) Flash, 2.34mm (.092") PC Tail Length, Screw
0743204004 MOLEX8-0743204004 Datasheet
207Kb / 4P
   MicroCross??DVI-D Digital Visual Interface, PCB Receptacle, Polyester (PCT), PanelMount, Through Hole, Right Angle, Gold (Au) Flash, 2.34mm (.0921") PC Tail Length,
0743204000 MOLEX8-0743204000 Datasheet
207Kb / 4P
   MicroCross??DVI-D Digital Visual Interface, PCB Receptacle, Panel Mount, Polyester(PCT), Through Hole, 2.34mm(.092") PC Tail Length, Right Angle, 0.76關m (30關) Gold
0743204016 MOLEX8-0743204016 Datasheet
207Kb / 4P
   MicroCross??DVI-D Digital Visual Interface, PCB Receptacle, Polyester (PCT), PanelMount, Through Hole, Right Angle, Gold (Au) Flash, 2.79mm (.110") PC Tail Length,
0743204807 MOLEX8-0743204807 Datasheet
259Kb / 4P
   MicroCross??DVI-D Digital Visual Interface, PCB Receptacle, Polyester (PCT), PanelMount, Through Hole, Right Angle, Gold (Au) Flash, 3.12mm (.123") PC Tail Length
0743204006 MOLEX8-0743204006 Datasheet
248Kb / 4P
   MicroCross??DVI-D Digital Visual Interface, PCB Receptacle, Panel Mount, ThroughHole, Right Angle, Gold (Au) Flash, 2.79mm (.110") PC Tail Length, Polyester (PCT),
0743204000 MOLEX1-0743204000_18 Datasheet
35Kb / 2P
   MicroCross DVI-D Digital Visual Interface, PCB Receptacle, Panel Mount, Polyester (PCT), Through Hole, 2.34mm PC Tail Length, Right-Angle, 0.76m Gold (Au), Lead- Free, Screw Hole, 24 Circuits
0673519074 MOLEX7-0673519074 Datasheet
234Kb / 4P
   MicroCross??DVI-D Digital Visual Interface with attached Hex Jack Screw,PCB Receptacle, Through Hole, Right Angle, Gold (Au) Flash, 2.34mm (.092") PC Tail
0743209064 MOLEX8-0743209064 Datasheet
269Kb / 4P
   MicroCross??DVI-I Digital/Analog Visual Interface, PCB Receptacle, Through Hole,Right Angle, 2.34mm (.092
0743204004 MOLEX1-0743204004_18 Datasheet
35Kb / 2P
   MicroCross DVI-D Digital Visual Interface, PCB Receptacle, Polyester (PCT), Panel Mount, Through Hole, Right-Angle, Gold (Au) Flash, 2.34mm PC Tail Length, Lead- Free, Screw Hole, 4-40 Thread, 24 Circuits
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com