Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74337-0038 Arkusz danych(PDF) 1 Page - Molex Electronics Ltd.

Numer części 74337-0038
Szczegółowy opis  0.80mm (.031") Pitch Ultra??VHDCI Wire-to-Board Receptacle, Stacked, Right Anglewith Enhanced Shield, Version 1 Footprint, 136 Circuits
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOLEX8 [Molex Electronics Ltd.]
Strona internetowa  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

74337-0038 Arkusz danych(HTML) 1 Page - Molex Electronics Ltd.

  74337-0038 Datasheet HTML 1Page - Molex Electronics Ltd. 74337-0038 Datasheet HTML 2Page - Molex Electronics Ltd. 74337-0038 Datasheet HTML 3Page - Molex Electronics Ltd. 74337-0038 Datasheet HTML 4Page - Molex Electronics Ltd. 74337-0038 Datasheet HTML 5Page - Molex Electronics Ltd. 74337-0038 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document was generated on 05/28/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0743370038
Status:
Active
Description:
0.80mm (.031") Pitch Ultra+™ VHDCI Wire-to-Board Receptacle, Stacked, Right Angle,
with Enhanced Shield, Version 1 Footprint, 136 Circuits
Documents:
3D Model
Product Specification PS-71425-9999 (PDF)
Test Summary (PDF)
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
I/O Connectors
Series
74337
Application
Wire-to-Board
Comments
With Top Cover
Component Type
Receptacle
Product Name
SCSI+, VHDCI
Type
N/A
Physical
Boot Color
N/A
Circuits (Loaded)
136
Circuits (maximum)
136
Color - Resin
Black
Durability (mating cycles max)
500
Flammability
94V-0
Gender
Female
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
4
Orientation
Right Angle
PC Tail Length (in)
0.082 In
PC Tail Length (mm)
2.08 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.063 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Panel Mount
No
Pitch - Mating Interface (in)
0.031 In
Pitch - Mating Interface (mm)
0.80 mm
Pitch - Term. Interface (in)
0.031 In
Pitch - Term. Interface (mm)
0.80 mm
Plating min: Mating (µin)
40
Plating min: Mating (µm)
1.00
Plating min: Termination (µin)
40
Plating min: Termination (µm)
1.00
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
74337Series
Mates With
Ultra+™ VHDCI Plug Kit 71425


Podobny numer części - 74337-0038

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
74337-0038 MOLEX-74337-0038 Datasheet
668Kb / 2P
   0.80mm (.031") Pitch UltraVHDCI Wire-to-Board Receptacle
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com