Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74320-1004 Arkusz danych(PDF) 3 Page - Molex Electronics Ltd.

Numer części 74320-1004
Szczegółowy opis  MicroCross??DVI-I Digital/Analog Visual Interface, PCB Receptacle, Panel Mount,Through Hole, Right Angle, Gold (Au) Flash Plating, Screw Hole, 4-40 Thread, 2.34mm
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOLEX8 [Molex Electronics Ltd.]
Strona internetowa  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

74320-1004 Arkusz danych(HTML) 3 Page - Molex Electronics Ltd.

  74320-1004 Datasheet HTML 1Page - Molex Electronics Ltd. 74320-1004 Datasheet HTML 2Page - Molex Electronics Ltd. 74320-1004 Datasheet HTML 3Page - Molex Electronics Ltd. 74320-1004 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image


Podobny numer części - 74320-1004

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MolexKits
74320-1000 MOLEXKITS-74320-1000 Datasheet
80Kb / 6P
   Includes HDMI, HDMI to DVI-D, MicroCross DVI-D and DVI-I, DisplayPort, IEEE1394-1395, USB Type A and B, USB OTG (On-the-Go) mini-B, Micro USB-B
logo
Molex Electronics Ltd.
74320-1000 MOLEX8-74320-1000 Datasheet
250Kb / 4P
   MicroCross??DVI-I Digital/Analog Visual Interface, PCB Receptacle, Through HoleRight Angle, 2.34mm (.092") P.C. Tail Length, 29 Circuits, Lead Free
logo
MolexKits
74320-1000 MOLEXKITS-74320-1000 Datasheet
80Kb / 6P
   Deluxe Audio Video Data Application Kit
logo
Molex Electronics Ltd.
74320-1003 MOLEX8-74320-1003 Datasheet
249Kb / 4P
   MicroCross DVI-I Digital/Analog Visual Interface, PCB Receptacle, Through Hole, Right Angle, 3.12mm
74320-1006 MOLEX8-74320-1006 Datasheet
249Kb / 4P
   MicroCross??DVI-I Digital/Analog Visual Interface, PCB Receptacle, Through HoleRight Angle, Gold (Au) Flash Plating, 2.79mm (.110") P.C. Tail Length, 28 Circuits,
More results

Podobny opis - 74320-1004

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
0743201009 MOLEX8-0743201009 Datasheet
238Kb / 4P
   MicroCross??DVI-A Analog Visual Interface, PCB Receptacle, Panel Mount, Through Hole, Right Angle, Gold (Au) Flash Plating, Screw Hole, 4-40 Thread, 2.34mm (.092") P.C. Tail Length
0743201004 MOLEX1-0743201004_18 Datasheet
34Kb / 2P
   MicroCross DVI-I Digital/Analog Visual Interface, PCB Receptacle, Panel Mount, Through Hole, Right-Angle, Gold (Au) Flash Plating, Screw Hole, 4-40 Thread, 2.34mm PC Tail Length, 29 Circuits, Lead-Free
0743209064 MOLEX8-0743209064 Datasheet
269Kb / 4P
   MicroCross??DVI-I Digital/Analog Visual Interface, PCB Receptacle, Through Hole,Right Angle, 2.34mm (.092
0673511004 MOLEX7-0673511004 Datasheet
244Kb / 4P
   MicroCross??DVI-I Digital/Analog Visual Interface, Panel Mount, Through Hole, Right Angle, PCB Extended Height Receptacle, Gold (Au) Flash, Polyester (PBT), Lead Free Screw Hole, 4-40 Thread, 29 Circuits
0743203004 MOLEX8-0743203004 Datasheet
226Kb / 4P
   MicroCross??DVI-I Digital/Analog Visual Interface, PCB Receptacle, Panel MountThrough Hole, Vertical, Gold Flash, Lead Free, Screw Hole, 4-40 Thread, 29 Circuits
0743201304 MOLEX8-0743201304 Datasheet
212Kb / 4P
   MicroCross??DVI-I Digital/Analog Visual Interface, PCB Receptacle, Through Hole,Right Angle, with Shielding, with Beveled Metal Pins, Gold(Au) Flash Plating, 2.34mm
0743203000 MOLEX8-0743203000 Datasheet
258Kb / 4P
   MicroCross DVI-I Digital/Analog Visual Interface, PCB Receptacle, Panel Mount, Through Hole, Vertical
0743204004 MOLEX1-0743204004_18 Datasheet
35Kb / 2P
   MicroCross DVI-D Digital Visual Interface, PCB Receptacle, Polyester (PCT), Panel Mount, Through Hole, Right-Angle, Gold (Au) Flash, 2.34mm PC Tail Length, Lead- Free, Screw Hole, 4-40 Thread, 24 Circuits
0743201003 MOLEX8-0743201003 Datasheet
249Kb / 4P
   MicroCross DVI-I Digital/Analog Visual Interface, PCB Receptacle, Through Hole, Right Angle, 3.12mm
0743202021 MOLEX8-0743202021 Datasheet
124Kb / 3P
   MicroCross??DVI-I Digital/Analog Visual Interface, Panel Mount, Through Hole, RightAngle, PCB Extended Height Receptacle, Lead Free, Screw Hole, 4-40 Thread, 29
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com