Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74320-3000 Arkusz danych(PDF) 1 Page - Molex Electronics Ltd.

Numer części 74320-3000
Szczegółowy opis  MicroCross DVI-I Digital/Analog Visual Interface, PCB Receptacle, Panel Mount, Through Hole, Vertical
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOLEX8 [Molex Electronics Ltd.]
Strona internetowa  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

74320-3000 Arkusz danych(HTML) 1 Page - Molex Electronics Ltd.

  74320-3000 Datasheet HTML 1Page - Molex Electronics Ltd. 74320-3000 Datasheet HTML 2Page - Molex Electronics Ltd. 74320-3000 Datasheet HTML 3Page - Molex Electronics Ltd. 74320-3000 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0743203000
Status:
Active
Description:
MicroCross™ DVI-I Digital/Analog Visual Interface, PCB Receptacle, Panel Mount,
Through Hole, Vertical, 0.76µm (30µ") Gold (Au), Screw Hole, 4- 40 Thread, 29
Circuits, Lead Free
Documents:
Drawing (PDF)
Product Specification PS-74320-001 (PDF)
Test Summary (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E29179
General
Product Family
I/O Connectors
Series
74320
Application
Wire-to-Board
Comments
DDWG (Digital Display Working Group) Standard
Component Type
Receptacle
MolexKits
Yes
Product Name
MicroCross™DVI
Type
N/A
Physical
Boot Color
N/A
Circuits (Loaded)
29
Circuits (maximum)
29
Color - Resin
Natural
Durability (mating cycles max)
100
Flammability
94V-0
Gender
Receptacle
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Number of Rows
3
Orientation
Vertical
PC Tail Length (in)
0.092 In
PC Tail Length (mm)
2.34 mm
PCB Locator
Yes
PCB Retention
Yes
Packaging Type
Tray
Panel Mount
Yes
Pitch - Mating Interface (in)
0.075 In
Pitch - Mating Interface (mm)
1.91 mm
Pitch - Term. Interface (in)
0.075 In
Pitch - Term. Interface (mm)
1.91 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.75
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.50
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Ports
1
Surface Mount Compatible (SMC)
No
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
74320Series
Mates With
88744 , 74323
Use With
71781 Panel Mount Hex Screw Kit


Podobny numer części - 74320-3000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MolexKits
74320-3000 MOLEXKITS-74320-3000 Datasheet
80Kb / 6P
   Includes HDMI, HDMI to DVI-D, MicroCross DVI-D and DVI-I, DisplayPort, IEEE1394-1395, USB Type A and B, USB OTG (On-the-Go) mini-B, Micro USB-B
74320-3000 MOLEXKITS-74320-3000 Datasheet
80Kb / 6P
   Deluxe Audio Video Data Application Kit
More results

Podobny opis - 74320-3000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
0743206600 MOLEX8-0743206600 Datasheet
148Kb / 3P
   MicroCross DVI-I Digital/Analog Visual Interface, PCB Receptacle, PanelMount, Through Hole, Vertical
0743203008 MOLEX8-0743203008 Datasheet
217Kb / 4P
   MicroCross DVI-A Analog Visual Interface, PCB Receptacle, Panel Mount, Through Hole, Vertical, 0.76um
0743201003 MOLEX8-0743201003 Datasheet
249Kb / 4P
   MicroCross DVI-I Digital/Analog Visual Interface, PCB Receptacle, Through Hole, Right Angle, 3.12mm
0743209064 MOLEX8-0743209064 Datasheet
269Kb / 4P
   MicroCross??DVI-I Digital/Analog Visual Interface, PCB Receptacle, Through Hole,Right Angle, 2.34mm (.092
0743209020 MOLEX8-0743209020 Datasheet
191Kb / 4P
   MicroCross DVI-I Digital Interface, PCB Receptacle, Panel Mount, Through Hole, Right Angle, 0.76um
0887419400 MOLEX10-0887419400 Datasheet
101Kb / 2P
   MicroCross??DVI Digital Visual Interface, Shielded I/O Adapter, DVI-I-Analog/Digital Receptacle to DVI Digital Plug
0743202021 MOLEX8-0743202021 Datasheet
124Kb / 3P
   MicroCross??DVI-I Digital/Analog Visual Interface, Panel Mount, Through Hole, RightAngle, PCB Extended Height Receptacle, Lead Free, Screw Hole, 4-40 Thread, 29
0887419100 MOLEX10-0887419100 Datasheet
145Kb / 4P
   MicroCross??DVI Digital Visual Interface, Shielded I/O Adapter, DVI-I-Analog/Digital Receptacle to VGA Plug
0743201004 MOLEX8-0743201004 Datasheet
249Kb / 4P
   MicroCross??DVI-I Digital/Analog Visual Interface, PCB Receptacle, Panel Mount,Through Hole, Right Angle, Gold (Au) Flash Plating, Screw Hole, 4-40 Thread, 2.34mm
0743201007 MOLEX8-0743201007 Datasheet
249Kb / 4P
   MicroCross??DVI-I Digital/Analog Visual Interface, PCB Receptacle, Through HoleRight Angle, Gold (Au) Flash Plating, 3.12mm (.123
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com