Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SK1190 Arkusz danych(PDF) 1 Page - Sanken electric

Numer części 2SK1190
Szczegółowy opis  MOSFET
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANKEN [Sanken electric]
Strona internetowa  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

2SK1190 Arkusz danych(HTML) 1 Page - Sanken electric

  2SK1190 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Absolute Maximum Ratings
Electrical Characteristics
Symbol
Ratings
Unit
VDSS
60
V(BR) DSS
60
V
ID = 250
µA, VGS = 0V
V
VGSS
±20
IGSS
±500
nA
VGS =
±20V
V
ID
±22
IDSS
250
µAVDS = 60V, VGS = 0V
A
ID (pulse)
(Ta = 25ºC)
(Ta = 25ºC)
VTH
2.0
4.0
V
VDS = 10V, ID = 250
µA
A
PD
35 (Tc = 25ºC)
Re (yfs)
7.3
11
S
VDS = 10V, ID = 12A
W
EAS
17
RDS (on)
0.04
0.05
VGS = 10V, ID = 12A
mJ
Tch
150
*
: VDD = 25V, L = 50
µH, IL = 20A, unclamped,
See Figure 1 on Page 5.
Ciss
1300
pF
VDS = 25V, f = 1.0MHz,
VGS = 0V
ID = 12A, VDD = 30V,
VGS = 10V,
See Figure 2 on Page 5.
ºC
Tstg
–55 to +150
Coss
650
pF
ºC
ton
130
ns
toff
60
ns
Symbol
Unit
Conditions
Ratings
typ
max
min
20
*
03
5
V
4.5V
GS =
5.5V
5V
10V
V
10V
GS =
0
0
10
20
24
10
20
30
40
50
–50
0
0
50
100
150
20
40
60
80
310
20
V
10V
DS =
25ºC
125ºC
0.05
0.3
0.1
0.5 1
50
0.5
1
50
V
10V
DS =
25ºC
125ºC
0
1020
3040
50
50
100
500
1000
5000
V
0V
GS
=
f
1MHz
=
Ciss
Coss
Crss
0
0
0.2
0.6
0.8
1.4
10
24
V
0V
GS =
5V
024
6
8
10
0
1
2
3
4
I
22A
D =
I
12A
D =
V
10V
GS =
I
12A
D =
T
55ºC
C = –
T
55ºC
C = –
0.5
0.5
1
50 100
1
5
10
100
ID (pulse) max
D
I max
LIM
ITED
10
5
50
0
10
20
30
35
0
50
100
150
Without heatsink
24
10
0
20
12
4
24
10
0
20
5
10
5
510
20
0.4
1.0
1.2
10V
2SK1190
External dimensions 1 ...... FM20
±88 (Tch 150ºC)
(Tc = 25ºC)
Ta (ºC)
VDS — ID Characteristics
ID — Re (yfs) Characteristics
VDS — Capacitance Characteristics
VSD — IDR Characteristics
Ta — PD Characteristics
Safe Operating Area
VGS — VDS Characteristics
TC — RDS (ON) Characteristics
VGS — ID Characteristics
ID — RDS (ON) Characteristics
VDS (V)
VDS (V)
VSD (V)
Tc (ºC)
VGS (V)
ID (A)
VGS (V)
VDS (V)
ID (A)
R
D
S (O
N
)


Podobny numer części - 2SK1190

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
2SK1190 ISC-2SK1190 Datasheet
270Kb / 2P
   Isc N-Channel MOSFETransistor
More results

Podobny opis - 2SK1190

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
IRL40T209 INFINEON-IRL40T209 Datasheet
1Mb / 11P
   MOSFET IR MOSFET - StrongIRFETª
Rev. 2.0, 2018-05-05
logo
International Rectifier
IRF3708PBF IRF-IRF3708PBF Datasheet
282Kb / 11P
   SMPS MOSFET HEXFET짰Power MOSFET
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
logo
International Rectifier
IRL3714PBF IRF-IRL3714PBF Datasheet
237Kb / 12P
   SMPS MOSFET HEXFET짰Power MOSFET
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
International Rectifier
IRFP17N50LPBF IRF-IRFP17N50LPBF Datasheet
188Kb / 8P
   SMPS MOSFET HEXFET짰Power MOSFET
IRF6217PBF IRF-IRF6217PBF Datasheet
125Kb / 8P
   SMPS MOSFET HEXFET짰Power MOSFET
logo
Sanken electric
2SJ425 SANKEN-2SJ425 Datasheet
34Kb / 1P
   MOSFET
2SK1178 SANKEN-2SK1178 Datasheet
34Kb / 1P
   MOSFET
2SK2708 SANKEN-2SK2708 Datasheet
35Kb / 1P
   MOSFET
2SK2803 SANKEN-2SK2803 Datasheet
25Kb / 2P
   MOSFET
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com