Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74712-1006 Arkusz danych(PDF) 1 Page - Molex Electronics Ltd.

Numer części 74712-1006
Szczegółowy opis  6.25mm (.246) Pitch Ganged RF Header, Vertical, 6 Circuits
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOLEX9 [Molex Electronics Ltd.]
Strona internetowa  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

74712-1006 Arkusz danych(HTML) 1 Page - Molex Electronics Ltd.

  74712-1006 Datasheet HTML 1Page - Molex Electronics Ltd. 74712-1006 Datasheet HTML 2Page - Molex Electronics Ltd. 74712-1006 Datasheet HTML 3Page - Molex Electronics Ltd. 74712-1006 Datasheet HTML 4Page - Molex Electronics Ltd. 74712-1006 Datasheet HTML 5Page - Molex Electronics Ltd. 74712-1006 Datasheet HTML 6Page - Molex Electronics Ltd. 74712-1006 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
This document was generated on 05/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0747121006
Status:
Active
Overview:
ganged_rf
Description:
6.25mm (.246") Pitch Ganged RF Header, Vertical, 6 Circuits
Documents:
Drawing (PDF)
Product Specification PS-74854-001 (PDF)
Packaging Specification (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Backplane Connectors
Series
74712
Application
Backplane
Comments
Port Numbered 2 Loaded
Component Type
PCB Header
Overview
ganged_rf
Product Name
Ganged RF
Style
N/A
Physical
Circuits (Loaded)
2
Circuits (maximum)
6
Circuits Detail
2
Color - Resin
Black, Natural
Durability (mating cycles max)
500
First Mate / Last Break
No
Guide to Mating Part
No
Keying to Mating Part
Yes
Material - Metal
Copper
Material - Resin
High Temperature Thermoplastic, Polyester
Number of Columns
3
Number of Pairs
N/A
Number of Rows
2
Orientation
Vertical
PC Tail Length (in)
0.141 In
PC Tail Length (mm)
3.58 mm
PCB Locator
Yes
PCB Retention
None
PCB Thickness Recommended (in)
0.177 In
PCB Thickness Recommended (mm)
4.50 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.246 In
Pitch - Mating Interface (mm)
6.25 mm
Pitch - Term. Interface (in)
0.246 In
Pitch - Term. Interface (mm)
6.25 mm
Polarized to PCB
Yes
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact
1A
Data Rate
3.0 Gbps
Real Signals (per 25mm)
8
Shield Type
N/A
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
74712Series
Mates With
74642 Ganged RF Receptacle


Podobny numer części - 74712-1006

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
74712-1001 MOLEX-74712-1001 Datasheet
280Kb / 2P
   6.25mm (.246?? Pitch Ganged RF
74712-1001 MOLEX9-74712-1001 Datasheet
922Kb / 7P
   6.25mm (.246") Pitch Ganged RF Header, Vertical, 6 Circuits
74712-1002 MOLEX-74712-1002 Datasheet
280Kb / 2P
   6.25mm (.246?? Pitch Ganged RF
74712-1002 MOLEX9-74712-1002 Datasheet
922Kb / 7P
   6.25mm (.246") Pitch Ganged RF Header, Vertical, 4 Circuits
74712-1003 MOLEX-74712-1003 Datasheet
280Kb / 2P
   6.25mm (.246?? Pitch Ganged RF
More results

Podobny opis - 74712-1006

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
0747121007 MOLEX9-0747121007 Datasheet
922Kb / 7P
   6.25mm (.246) Pitch Ganged RF Header, Vertical, 6 Circuits
0747121001 MOLEX9-0747121001 Datasheet
922Kb / 7P
   6.25mm (.246") Pitch Ganged RF Header, Vertical, 6 Circuits
0747125002 MOLEX9-0747125002 Datasheet
803Kb / 7P
   6.25mm (.246") Pitch Ganged RF Header, Vertical, 6 Circuits
0747125003 MOLEX9-0747125003 Datasheet
803Kb / 7P
   6.25mm (.246) Pitch Ganged RF Header, Vertical, 6 Circuits
0747125005 MOLEX9-0747125005 Datasheet
803Kb / 7P
   6.25mm (.246) Pitch Ganged RF Header, Vertical, 6 Circuits
0747125001 MOLEX9-0747125001 Datasheet
803Kb / 7P
   6.25mm (.246") Pitch Ganged RF Header, Vertical, 6 Circuits
0747125006 MOLEX9-0747125006 Datasheet
803Kb / 7P
   6.25mm (.246) Pitch Ganged RF Header, Vertical, 6 Circuits
0747121005 MOLEX9-0747121005 Datasheet
922Kb / 7P
   6.25mm (.246") Pitch Ganged RF Header, Vertical, 6 Circuits
0747125004 MOLEX9-0747125004 Datasheet
803Kb / 7P
   6.25mm (.246) Pitch Ganged RF Header, Vertical, 6 Circuits
0747121003 MOLEX9-0747121003 Datasheet
922Kb / 7P
   6.25mm (.246) Pitch Ganged RF Header, Vertical, 2 Circuits
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com