Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SLA5022 Arkusz danych(PDF) 2 Page - Sanken electric

Numer części SLA5022
Szczegółowy opis  PNP Darlington N-channel MOSFET 3-phase motor drive
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANKEN [Sanken electric]
Strona internetowa  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA5022 Arkusz danych(HTML) 2 Page - Sanken electric

  SLA5022 Datasheet HTML 1Page - Sanken electric SLA5022 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
61
Characteristic curves (PNP)
SLA5022
(Ta=25
°C)
Symbol
Unit
Conditions
ICBO
–10
µAVCB=–60V
IEBO
–1
–5
mA
VEB=–6V
VCEO
–60
V
IC=–25mA
hFE
2000
5000
12000
VCE=–4V, IC=–4A
VCE(sat)
–1.5
V
VBE(sat)
–2.0
V
VFEC
2.0
V
IFEC=4A
trr
1.0
µsIF=±0.5A
ton
1.0
µsVCC –25V,
tstg
1.4
µsIC=–4A,
tf
0.6
µsIB1=–IB2=–10mA
fT
120
MHz
VCE=–12V, IE=1A
Cob
150
pF
VCB=–10V, f=1MHz
Specification
min
typ
max
Electrical characteristics (Source: PNP transistor)
IC=–4A, IB=–10mA
–12
–10
–8
–6
–4
–2
0
0–2
–4
–6
IB=–10mA
–1mA
–0.5mA
–2mA
–3mA
–5mA
VCE (V)
20000
10000
5000
1000
500
200
–0.1
–0.5
–1
–5
–10
typ
(VCE=–4V)
IC (A)
20000
10000
5000
1000
500
200
–0.1
–0.5
–1
–5
T
a=125
°C
75
°C
25
°C
–30
°C
–10
(VCE=–4V)
IC (A)
–3
–0.1
–0.5
–2
–1
0
–1
–5
–10
125
°C
75
°C
25
°C
–20
(IC / IB=1000)
IC (A)
Ta=–30
°C
–3
–0.3 –0.5
–2
–1
0
–1
–5
–10
–50
–100 –200
IC=–2A
IC=–4A
IC=–8A
IB (mA)
0–1
–2
–3
–12
–10
–8
–6
–4
–2
0
(VCE=–4V)
VBE (V)
20
10
5
1
0.5
1
5
10
50 100
500 1000
PW (mS)
–5
VCE (V)
–100
–50
–10
–3
–20
–5
–1
–0.5
–0.1
Single Pulse
Without Heatsink
Ta=25
°C
–10
25
30
35
40
20
15
10
5
0
0
50
100
150
Ta (
°C)
With Silicone Grease
Natural Cooling
All Circuits Operating
Without Heatsink
IC-VCE Characteristics (Typical)
hFE-IC Characteristics (Typical)
hFE-IC Temperature Characteristics (Typical)
VCE(sat)-IC Temperature Characteristics (Typical)
VCE(sat)-IB Characteristics (Typical)
IC-VBE Temperature Characteristics (Typical)
θj-a-PW Characteristics
Safe Operating Area (SOA)
PT-Ta Characteristics


Podobny numer części - SLA5022

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanken electric
SLA5022 SANKEN-SLA5022 Datasheet
46Kb / 2P
   PNP Darlington N-channel MOSFET 3-phase motor drive
SLA5022 SANKEN-SLA5022_06 Datasheet
46Kb / 2P
   PNP Darlington N-channel MOSFET 3-phase motor drive
More results

Podobny opis - SLA5022

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanken electric
SLA5022 SANKEN-SLA5022_06 Datasheet
46Kb / 2P
   PNP Darlington N-channel MOSFET 3-phase motor drive
SLA5023 SANKEN-SLA5023 Datasheet
35Kb / 2P
   PNP Darlington N-channel MOSFET 3-phase motor drive
SDA05 SANKEN-SDA05 Datasheet
20Kb / 1P
   PNP Darlington 3-phase motor drive
STA305A SANKEN-STA305A Datasheet
21Kb / 1P
   PNP Darlington 3-phase motor drive
SDA05 SANKEN-SDA05_01 Datasheet
35Kb / 1P
   PNP Darlington 3-phase motor drive
SLA6023 SANKEN-SLA6023 Datasheet
31Kb / 2P
   PNP NPN Darlington 3-phase motor drive
SLA6012 SANKEN-SLA6012 Datasheet
30Kb / 2P
   PNP NPN Darlington 3-phase motor drive
logo
List of Unclassifed Man...
SMA6080 ETC1-SMA6080 Datasheet
36Kb / 2P
   PNP NPN Darlington 3-phase motor drive
logo
Sanken electric
SLA6022 SANKEN-SLA6022 Datasheet
45Kb / 2P
   PNP NPN Darlington 3-phase motor drive
SLA6024 SANKEN-SLA6024_06 Datasheet
54Kb / 2P
   PNP NPN Darlington 3-phase motor drive
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com