Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SLA5027 Arkusz danych(PDF) 1 Page - Sanken electric

Numer części SLA5027
Szczegółowy opis  MOS FET Array
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANKEN [Sanken electric]
Strona internetowa  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA5027 Arkusz danych(HTML) 1 Page - Sanken electric

  SLA5027 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0
1
2
345
6
s ID VDS Characteristics
0
4
8
VDS (V)
6
2
10
0
123
4
s ID VGS Characteristics
0
4
6
10
VGS (V)
8
2
12
0.1
1
10
20
s RDS (on) — ID Characteristics
0
0.05
ID (A)
0.1
–50
0
50
100
150
s RDS (on) — TC Characteristics
0.02
0.06
0.10
Tc (ºC)
0.12
1
5
10
50
s Capacitance — VDS Characteristics
50
500
100
1000
VDS (V)
2000
0.5
1
5
10
100
50
s Safe Operating Area (single pulse)
0.5
10
1
5
VDS (V)
50
(Ta = 25ºC)
0.4
1
5
10
20
s Re (yfs) — ID Characteristics
2
5
10
ID (A)
30
4V
5V
10V
VGS = 3V
VGS = 4V
VDS = 10V
VGS = 10V
VGS = 0V
f
= 1MHz
Coss
Ciss
Crss
VDS = 10V
0
0.4
0.8
1.2
s IDR VSD Characteristics
0.1
5
10
VSD (V)
1
0.5
20
VGS = 0V
VGS = 4V
VGS = 10V
Ta = 150ºC
75ºC
25ºC
–55ºC
ID (pulse) max
ID (DC) max
Symbol
Ratings
Unit
(Ta=25ºC)
(Ta=25ºC)
VDSS
60
Symbol
Test Conditions
Ratings
Unit
V(BR) DSS
ID = 100
µA, VGS =0V
60
min
typ
max
IGSS
µA
µA
VGS =
±20V
±100
IDSS
S
V
VDS = 60V, VGS = 0V
100
VTH
VDS = 10V, ID = 1mA
2.0
1.5
12.0
1.0
Re (yfs)
VDS = 10V, ID = 8A
6.0
RDS (ON)
V
ns
ns
ns
ns
V
VGS = 4V, ID = 8A
Coss
Ciss
VDS = 10V
f = 1.0MHz
VGS = 0V
Crss
td (on)
ID = 8A
VDD 30V
RL = 3.75
VGS = 5V
RG = 50
tr
td (off)
tf
VSD
ISD = 10A, VGS = 0V
0.07
0.08
pF
pF
pF
1100
500
170
50
250
250
180
1.0
1.5
VGSS
j-c
VISO
V
V
±20
±12
±48
ID
A
ID (pulse)*1
A
5 (Ta=25ºC, 4 circuits operate)
60 (Tc=25ºC,4 circuits operate)
PT
EAS*2
Tch
W
W
Vrms
150
250
2.08
(Fin to lead terminal) AC1000
Tstg
ºC
ºC
ºC/W
mJ
–55 to +150
*1 PW
250
µs, duty 1%
*2 VDD = 30V, L = 10mH, unclamped, RG = 50
Absolute Maximum Ratings
Electrical Characteristics
1
3
2
4
6
5
8
7
9
11
10
12
MOS FET Array
SLA5027
82
12 3
11•P2.54±0.7=27.94±1.0
31.5 max
0.85
1.2±0.15
31.0±0.2
24.4±0.2
16.4±0.2
3.2±0.15
0.55
2.2±0.7
1.7±0.1
4.8±0.2
1.45±0.15
Pin 1
12
4 5 6 7 8 9 10 11 12
a) Type No.
b) Lot No.
(Unit: mm)
External Dimensions
SLA (LF800)
Equivalent Circuit Diagram
a
b
+0.2
–0.1
+0.2
–0.1
Ellipse 3.2±
0.15 • 3.8


Podobny numer części - SLA5027

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanken electric
SLA5021 SANKEN-SLA5021 Datasheet
21Kb / 1P
   N-channel General purpose
SLA5022 SANKEN-SLA5022 Datasheet
32Kb / 2P
   PNP Darlington N-channel MOSFET 3-phase motor drive
SLA5022 SANKEN-SLA5022 Datasheet
46Kb / 2P
   PNP Darlington N-channel MOSFET 3-phase motor drive
SLA5022 SANKEN-SLA5022_06 Datasheet
46Kb / 2P
   PNP Darlington N-channel MOSFET 3-phase motor drive
SLA5023 SANKEN-SLA5023 Datasheet
35Kb / 2P
   PNP Darlington N-channel MOSFET 3-phase motor drive
More results

Podobny opis - SLA5027

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanken electric
STA508A SANKEN-STA508A Datasheet
25Kb / 1P
   MOS FET Array
STA509A SANKEN-STA509A Datasheet
25Kb / 1P
   MOS FET Array
SMA5113 SANKEN-SMA5113 Datasheet
25Kb / 1P
   MOS FET Array
SDK06 SANKEN-SDK06 Datasheet
19Kb / 1P
   Surface-mount MOS FET Array
logo
NEC
UPA1604 NEC-UPA1604 Datasheet
294Kb / 8P
   MONOLITHIC POWER MOS FET ARRAY
logo
Sanken electric
SDK08 SANKEN-SDK08 Datasheet
18Kb / 1P
   Surface-mount MOS FET Array
logo
Hitachi Semiconductor
4AJ11 HITACHI-4AJ11 Datasheet
35Kb / 6P
   Silicon P-Channel Power MOS FET Array
4AK18 HITACHI-4AK18 Datasheet
49Kb / 9P
   Silicon N-Channel Power MOS FET Array
4AK15 HITACHI-4AK15 Datasheet
49Kb / 9P
   Silicon N-Channel Power MOS FET Array
4AK21 HITACHI-4AK21 Datasheet
36Kb / 6P
   Silicon N-Channel Power MOS FET Array
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com