Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SLA5055 Arkusz danych(PDF) 1 Page - Sanken electric

Numer części SLA5055
Szczegółowy opis  N-channel General purpose
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANKEN [Sanken electric]
Strona internetowa  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA5055 Arkusz danych(HTML) 1 Page - Sanken electric

  SLA5055 Datasheet HTML 1Page - Sanken electric SLA5055 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FET 1
FET 2
FET 1
FET 1
FET 2
FET 2
FET 1
FET 2
Characteristic curves
(Ta=25
°C)
Symbol
Unit
VDSS
150
V
VGSS
+20, –10
V
ID
±5
±7A
ID (pulse)*
±10
±15
A
5 (Ta=25
°C, with all circuits operating, without heatsink)
W
35 (Tc=25
°C, with all circuits operating, with infinite heatsink)
W
θ j-a
25 (Junction-Air, Ta=25
°C, with all circuits operating)
°C/W
θ j-c
3.57 (Junction-Case, Tc=25
°C, with all circuits operating)
°C/W
VISO
1000 (Between fin and lead pin, AC)
Vrms
Tch
150
°C
Tstg
–40 to +150
°C
* PW
≤100
µs, duty≤50%
SLA5055
External dimensions A • • • SLA
sEquivalent circuit diagram
Absolute maximum ratings
ID-VDS Characteristics (Typical)
ID-VGS Characteristics (Typical)
RDS(ON)-ID Characteristics (Typical)
RDS(ON)-TC Characteristics (Typical)
VDS (V)
10V
4V
2.8V
2.6V
2.4V
VGS=2.2V
5
4
3
2
1
0
02
4
6
8
10
ID (A)
4V
400
500
300
200
100
0
01
2
3
4
5
VGS=10V
TC (
°C)
(ID=2.5A)
4V
VGS
=10V
1.0
0.5
0
–40
0
50
100
150
VGS (V)
5
4
3
2
1
0
01
2
3
4
(VDS=10V)
VDS (V)
10V
4V
2.8V
2.6V
2.4V
7
6
5
4
3
2
1
0
02
4
6
8
10
VGS=2.2V
200
150
100
50
0
0
1
2
345
6
7
ID (A)
VGS=10V
4V
TC (
°C)
4V
VGS
=10V
500
400
200
100
300
0
-40
0
50
100
150
(ID=3.5A)
VGS (V)
5
4
3
2
1
0
01
2
3
4
(VDS=10V)
N-channel
General purpose
PT
2
3
1
4
5
6
7
8
9
10
FET-1
FET-2
FET-2
FET-2
FET-2
11
12
Ratings
FET 1
FET 2


Podobny numer części - SLA5055

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanken electric
SLA5052 SANKEN-SLA5052 Datasheet
21Kb / 1P
   N-channel General purpose
SLA5054 SANKEN-SLA5054 Datasheet
38Kb / 2P
   N-channel General purpose
SLA5057 SANKEN-SLA5057 Datasheet
28Kb / 2P
   N-channel General purpose
SLA5058 SANKEN-SLA5058 Datasheet
20Kb / 1P
   N-channel General purpose
SLA5059 SANKEN-SLA5059 Datasheet
28Kb / 2P
   N-channel P-channel 3-phase motor drive
More results

Podobny opis - SLA5055

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanken electric
SLA5044 SANKEN-SLA5044 Datasheet
20Kb / 1P
   N-channel General purpose
SLA5041 SANKEN-SLA5041_06 Datasheet
35Kb / 1P
   N-channel General purpose
logo
List of Unclassifed Man...
SLA5077 ETC-SLA5077 Datasheet
28Kb / 1P
   N-channel General purpose
logo
Sanken electric
SLA5011 SANKEN-SLA5011 Datasheet
21Kb / 1P
   N-channel General purpose
SLA5042 SANKEN-SLA5042 Datasheet
22Kb / 1P
   N-channel General purpose
SLA5047 SANKEN-SLA5047 Datasheet
21Kb / 1P
   N-channel General purpose
SLA5052 SANKEN-SLA5052 Datasheet
21Kb / 1P
   N-channel General purpose
SLA5037 SANKEN-SLA5037_06 Datasheet
34Kb / 1P
   N-channel General purpose
SLA5085 SANKEN-SLA5085 Datasheet
36Kb / 1P
   N-channel General purpose
SDK04 SANKEN-SDK04 Datasheet
12Kb / 1P
   N-channel General purpose
SLA5026 SANKEN-SLA5026 Datasheet
21Kb / 1P
   N-channel General purpose
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com