Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SLA7021M Arkusz danych(PDF) 7 Page - Sanken electric

Numer części SLA7021M
Szczegółowy opis  Unipolar Driver ICs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANKEN [Sanken electric]
Strona internetowa  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA7021M Arkusz danych(HTML) 7 Page - Sanken electric

Back Button SLA7021M Datasheet HTML 2Page - Sanken electric SLA7021M Datasheet HTML 3Page - Sanken electric SLA7021M Datasheet HTML 4Page - Sanken electric SLA7021M Datasheet HTML 5Page - Sanken electric SLA7021M Datasheet HTML 6Page - Sanken electric SLA7021M Datasheet HTML 7Page - Sanken electric SLA7021M Datasheet HTML 8Page - Sanken electric SLA7021M Datasheet HTML 9Page - Sanken electric SLA7021M Datasheet HTML 10Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
20
SLA7024M, SLA7026M, SLA7027MU, SLA7022MU, SLA7029M,
SMA7022MU, SMA7029M, SLA7020M, SLA7021M and SDK03M
Application Note
Fig. 12 Temperature rise curve
Comparison of losses
0
Supply voltage VCC (V)
8
7
6
5
4
3
2
1
0
10
20
30
40
50
Motor : 23LM-C202
IO : Output current
2-phase excitation,
holding mode
IO=1A
IO=1A
SLA7024M, SLA7029M,
SMA7029M and SLA7020M
Sanken product : SI-7300A
∆Tj
SLA7000M series
1
0
2345
∆TC
Natural cooling
Without heatsink
150
100
50
0
Total power (W)
∆T
j
SMA7000M series
1
02
3
4
∆T
C
Natural cooling
Without heatsink
150
100
50
0
Total power (W)
SDK03M
1
02
3
∆T
C
Glass epoxy board
(mounted on level surface)
(95
×69×1.2mm)
Natural cooling
150
100
50
0
Total power (W)


Podobny numer części - SLA7021M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanken electric
SLA7022 SANKEN-SLA7022 Datasheet
77Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7022MU SANKEN-SLA7022MU Datasheet
77Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7022MU SANKEN-SLA7022MU Datasheet
59Kb / 2P
   2-Phase Excitation
SLA7022MU SANKEN-SLA7022MU Datasheet
69Kb / 2P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7022MU SANKEN-SLA7022MU_10 Datasheet
59Kb / 2P
   2-Phase Excitation
More results

Podobny opis - SLA7021M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanken electric
SI-7300A SANKEN-SI-7300A Datasheet
67Kb / 5P
   Unipolar Driver ICs
SI-7115B SANKEN-SI-7115B Datasheet
41Kb / 5P
   Unipolar Driver ICs
SDK03M SANKEN-SDK03M Datasheet
61Kb / 6P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7022MU SANKEN-SLA7022MU Datasheet
77Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7032M SANKEN-SLA7032M Datasheet
71Kb / 8P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7080MPR SANKEN-SLA7080MPR Datasheet
297Kb / 18P
   Unipolar 2-Phase Stepping Motor Driver ICs
SMA7029M SANKEN-SMA7029M Datasheet
69Kb / 2P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7027MU SANKEN-SLA7027MU Datasheet
74Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7042M SANKEN-SLA7042M Datasheet
47Kb / 4P
   2-Phase Stepper Motor Unipolar Driver ICs
logo
Rohm
BU52012HFV-TR ROHM-BU52012HFV-TR Datasheet
387Kb / 20P
   Unipolar Detection Hall ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com