Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SLA7044M Arkusz danych(PDF) 3 Page - Sanken electric

Numer części SLA7044M
Szczegółowy opis  2-Phase Stepper Motor Unipolar Driver ICs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANKEN [Sanken electric]
Strona internetowa  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA7044M Arkusz danych(HTML) 3 Page - Sanken electric

  SLA7044M Datasheet HTML 1Page - Sanken electric SLA7044M Datasheet HTML 2Page - Sanken electric SLA7044M Datasheet HTML 3Page - Sanken electric SLA7044M Datasheet HTML 4Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
46
SLA7042M/SLA7044M
2-Phase Stepper Motor Unipolar Driver ICs (2W1-2 Phase Excitation/Micro-step Support)
SLA7042M/SLA7044M
sExternal Dimensions
(Unit: mm)
31±0.2
24.4±0.2
16.4±0.2
3.2±0.15x3.8
1
+0.2
−0.1
0.65
+0.2
−0.1
17xP1.68±0.4=28.56±1
31.3±0.2
12 3
18
17
16
•••• •••• ••••
3.2±0.15
Part No.
Lot No.
Forming No. No.871
4.8±0.2
1.7±0.1
2.45±0.2
R-End
4±0.7
0.55
+0.2
−0.1
17xP1.68±0.4=28.56±1
1
+0.2
−0.1
0.65
+0.2
−0.1
7.5±0.6
6±0.6
2.2±0.1
12 3
18
17
16
•• • • • • •• • • • •
Forming No. No.872
φ
φ
Successively output this serial data and set any current. Then, determine the step
time of the reference voltage Vref at STROBE signal intervals.
sSerial Data Pattern
See page 48 for details of
PG001M serial signal gen-
erator IC for SLA7042M and
SLA7044M.
OUT excitation (MODEχ)
OUT excitation (MODEχ)
CLOCK
STROBE
MODE0
(0%)
MODE1
(20%)
MODE2
(40%)
MODE3
(55.5%)
MODE4
(71.4%)
MODE5
(83%)
MODE6
(91%)
MODE7
(100%)
DATA
0
0
0
0
0
0
0
0
0
0
Phase
a
b
c
0
0
0
0
0
0
0
0
0
0
Phase
a
b
c


Podobny numer części - SLA7044M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Allegro MicroSystems
SLA7044M ALLEGRO-SLA7044M Datasheet
99Kb / 8P
   MICROSTEPPING, UNIPOLAR PWM, HIGH-CURRENT MOTOR CONTROLLER/DRIVER
logo
Sanken electric
SLA7044M SANKEN-SLA7044M Datasheet
53Kb / 2P
   2W1-2 Phase Excitation/Micro-step Support
More results

Podobny opis - SLA7044M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanken electric
SDK03M SANKEN-SDK03M Datasheet
61Kb / 6P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7022MU SANKEN-SLA7022MU Datasheet
77Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7032M SANKEN-SLA7032M Datasheet
71Kb / 8P
   2-Phase Stepper Motor Unipolar Driver ICs
SMA7029M SANKEN-SMA7029M Datasheet
69Kb / 2P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7027MU SANKEN-SLA7027MU Datasheet
74Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7050M SANKEN-SLA7050M Datasheet
438Kb / 14P
   2-Phase Unipolar Stepper Motor Driver
SLA7060M SANKEN-SLA7060M Datasheet
705Kb / 18P
   2-Phase Unipolar Stepper Motor Driver
SLA707XM SANKEN-SLA707XM Datasheet
528Kb / 20P
   2-Phase Unipolar Stepper Motor Driver
SLA7080MPR SANKEN-SLA7080MPR Datasheet
297Kb / 18P
   Unipolar 2-Phase Stepping Motor Driver ICs
SMA7036M SANKEN-SMA7036M Datasheet
71Kb / 7P
   2-Phase Stepper Motor Unipolar Driver IC
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com