Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMA5102 Arkusz danych(PDF) 1 Page - Sanken electric

Numer części SMA5102
Szczegółowy opis  N-channel With built-in flywheel diode
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANKEN [Sanken electric]
Strona internetowa  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SMA5102 Arkusz danych(HTML) 1 Page - Sanken electric

  SMA5102 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
98
ID-VDS Characteristics (Typical)
ID-VGS Characteristics (Typical)
RDS(ON)-ID Characteristics (Typical)
Re(yfs)-ID Characteristics (Typical)
RDS(ON)-TC Characteristics (Typical)
Capacitance-VDS Characteristics (Typical)
IDR-VSD Characteristics (Typical)
Safe Operating Area (SOA)
PT-Ta Characteristics
Characteristic curves
SMA5102
(Ta=25
°C)
Symbol
Unit
Conditions
V(BR)DSS
100
V
ID=250
µA, VGS=0V
IGSS
±500
nA
VGS=
±20V
IDSS
250
µAVDS=100V, VGS=0V
VTH
2.0
4.0
V
VDS=10V, ID=250
µA
Re(yfs)
1.1
1.7
S
VDS=10V, ID=4A
RDS(ON)
0.50
0.60
VGS=10V, ID=4A
Ciss
180
pF
VDS=25V, f=1.0MHz,
Coss
82
pF
VGS=0V
ton
40
ns
ID=4A, VDD 50V, VGS=10V,
toff
40
ns
see Fig. 3 on page 16.
VSD
1.2
2.0
V
ISD=4A, VGS=0V
trr
250
ns
ISD=
±100mA
(Ta=25
°C)
Symbol
Ratings
Uni
VDSS
100
V
VGSS
±20
V
ID
±4A
ID(pulse)
±8 (PW≤1ms)
A
EAS*16
mJ
IF
4 (PW
≤0.5ms, Du≤25%)
A
IFSM
8 (PW
≤10ms, Single pulse)
A
VR
120
V
4 (Ta=25
°C, with all circuits operating, without heatsink)
W
28 (Tc=25
°C,with all circuits operating, with infinite heatsink)W
θ j–a 31.2 (Junction-Air, Ta=25°C, with all circuits operating) °C/W
θ j–c
4.46 (Junction-Case, Tc=25
°C, with all circuits operating) °C/W
Tch
150
°C
Tstg
–40 to +150
°C
* : VDD=20V, L=1mH, ID=5A, unclamped, see Fig. E on page 15.
PT
Specification
min
typ
max
Symbol
Unit
Conditions
VR
120
V
IR=10
µA
VF
1.0
1.2
V
IF=1A
IR
10
µAVR=120V
trr
100
ns
IF=
±100mA
Specification
min
typ
max
1
2
5
4
6
3
8
9
12
11
10
7
020
8
7
3
0
6V
7V
VDS (V)
10
6
5
4
2
1
10V
VGS=5V
25
°C
125
°C
02
4
6
10
VGS (V)
TC=–40
°C
8
8
7
3
0
6
5
4
2
1
(VDS=10V)
0
0
12
8
0.2
0.4
0.6
0.8
ID (A)
3
456
7
(VDS=10V)
0.2
0.05
0.5
1
1
5
(VDS=10V)
25
°C
125
°C
ID (A)
58
0.5
TC=–40
°C
0.1
–40
0
0
50
100
150
0.2
0.8
1.0
1.2
V
=10V
GS
ID=4A
TC (
°C)
0.6
0.4
010
20
30
40
50
10
50
100
600
VDS (V)
5
VGS=0V
f=1MHz
Ciss
Coss
Crss
0
0
1.0
1.5
2
7
8
VSD (V)
0.5
1
3
4
6
5
5V
10V
VGS=0V
0.5
0.1
1
5
10
50
100
1
5
10
VDS (V)
0.5
(TC=25
°C)
ID (pulse) max
25
30
20
15
10
5
0
With Silicone Grease
Natural Cooling
All Circuits Operating
0
50
100
150
Ta (
°C)
Without Heatsink
N-channel
With built-in flywheel diode
External dimensions
B • • • SMA
Absolute maximum ratings
Electrical characteristics
qDiode for flyback voltage absorption


Podobny numer części - SMA5102

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanken electric
SMA5101 SANKEN-SMA5101 Datasheet
21Kb / 1P
   N-channel General purpose
logo
Sanyo Semicon Device
SMA5101 SANYO-SMA5101 Datasheet
87Kb / 5P
   RF Double Balanced Mixer IC
SMA5101 SANYO-SMA5101 Datasheet
607Kb / 7P
   RF Double Balanced Mixer IC
logo
ON Semiconductor
SMA5101 ONSEMI-SMA5101 Datasheet
666Kb / 7P
   Mixer, IIP3 15dBm, Gc -0.5dB 450MHz, MCPH6
August, 2013
SMA5101-TL-H ONSEMI-SMA5101-TL-H Datasheet
666Kb / 7P
   Mixer, IIP3 15dBm, Gc -0.5dB 450MHz, MCPH6
August, 2013
More results

Podobny opis - SMA5102

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanken electric
SDK02 SANKEN-SDK02 Datasheet
13Kb / 1P
   N-channel With built-in flywheel diode
SLA5002 SANKEN-SLA5002 Datasheet
22Kb / 1P
   N-channel With built-in flywheel diode
SMA5106 SANKEN-SMA5106 Datasheet
38Kb / 1P
   N-channel With built-in flywheel diode
SMA5106 SANKEN-SMA5106 Datasheet
22Kb / 1P
   N-channel With built-in flywheel diode
SLA5040 SANKEN-SLA5040 Datasheet
13Kb / 1P
   N-channel With built-in flywheel diode
SMA5114 SANKEN-SMA5114 Datasheet
22Kb / 1P
   N-channel With built-in flywheel diode
SMA5106 SANKEN-SMA5106_01 Datasheet
38Kb / 1P
   N-channel With built-in flywheel diode
SLA5031 SANKEN-SLA5031 Datasheet
22Kb / 1P
   N-channel With built-in flywheel diode
SMA5105 SANKEN-SMA5105 Datasheet
22Kb / 1P
   N-channel With built-in flywheel diode
SLA5003 SANKEN-SLA5003 Datasheet
22Kb / 1P
   N-channel With built-in flywheel diode
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com