Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI-8020 Arkusz danych(PDF) 1 Page - Sanken electric

Numer części SI-8020
Szczegółowy opis  Separate Excitation Switching Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANKEN [Sanken electric]
Strona internetowa  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-8020 Arkusz danych(HTML) 1 Page - Sanken electric

  SI-8020 Datasheet HTML 1Page - Sanken electric SI-8020 Datasheet HTML 2Page - Sanken electric SI-8020 Datasheet HTML 3Page - Sanken electric SI-8020 Datasheet HTML 4Page - Sanken electric SI-8020 Datasheet HTML 5Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
86
sFeatures
• High output current (6A:STR7000 series, 12A: STR7100 series)
• High efficiency (70 to 90%)
• Wide DC input voltage range
• Built-in drooping type overcurrent protection circuit
• Foldback type overcurrent protection can be set externally.
• Output voltage adjustment
• Built-in reference oscillator (35kHz)
• Output ON/OFF control
sApplications
• Electronic equipment
sLineup
sAbsolute Maximum Ratings
Power Section: STR7000/STR7100 (Ta=25
°C)
sControl Section: SI-8020 Series (Ta=25
°C)
Separate Excitation Switching Type
STR7000+SI-8020 Series
qSTR7000+SI-8020 Series
Unit
V
W
°C
°C
Symbol
VIN
PD
TOP
TStg
VO (V)
IO (A)
6
12
Paraneter
DC Input Voltage
Power Dissipation
Operating Temperature
Storage Temperature
Unit
V
V
V
A
W
W
°C/W
°C
°C
°C
Symbol
V4-1
V4-5
V1-2
IC
PD1
PD2
Rth(j-c)
Tj
TOP
TStg
Parameter
Power Transistor Breakdown Voltage
Drive Transistor Breakdown Voltage
Diode Breakdown Voltage
Collector Current
Power Dissipation
Power Transistor Thermal Resistance
Power Transistor Junction Temperature
Operating Temperature
Storage Temperature
Ratings
55
1
–20 to +85
–20 to +100
Ratings
STR7000 Series
STR7100 Series
60
60
60
6(peak 7.5)
12(peak 15)
100(TC=25
°C)
125(TC=25
°C)
4.3(Without heatsink)
1.25
1.0
+150
–30 to +125(TC)
–30 to +125
512
15
24
STR7001+SI-8020
STR7002+SI-8021
STR7002+SI-8022
STR7003+SI-8023
STR7101+SI-8020
STR7102+SI-8021
STR7102+SI-8022
STR7103+SI-8023


Podobny numer części - SI-8020

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SI-8023B ETC1-SI-8023B Datasheet
254Kb / 2P
   Switching voltage regulator
SI-8023B ETC1-SI-8023B Datasheet
254Kb / 2P
   SWITCHING VOLTAGE REGULATOR
logo
Sanken electric
SI-8025JF SANKEN-SI-8025JF Datasheet
87Kb / 6P
   Full-Mold, Separate Excitation Switching Type
SI-8025JF SANKEN-SI-8025JF Datasheet
319Kb / 9P
   Step-Down to 2.5 V, 1.5 A, DC/DC Converter
logo
Allegro MicroSystems
SI-8025JF ALLEGRO-SI-8025JF Datasheet
320Kb / 9P
   Step-Down to 2.5 V, 1.5 A, DC/DC Converter
More results

Podobny opis - SI-8020

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanken electric
SI-8800L SANKEN-SI-8800L Datasheet
79Kb / 5P
   Separate Excitation Switching Type with Transformer
SI-8400L SANKEN-SI-8400L Datasheet
77Kb / 6P
   Separate Excitation Switching Type with Coil
SI-8000E SANKEN-SI-8000E Datasheet
41Kb / 4P
   Full-Mold, Separate Excitation Switching Type
SI-8000S SANKEN-SI-8000S Datasheet
63Kb / 6P
   Full-Mold, Separate Excitation Switching Type
STA801M SANKEN-STA801M Datasheet
82Kb / 6P
   2-Output Separate Excitation Switching Type
SI-8000JF SANKEN-SI-8000JF Datasheet
87Kb / 6P
   Full-Mold, Separate Excitation Switching Type
SAI01 SANKEN-SAI01 Datasheet
71Kb / 4P
   Surface-Mount, Separate Excitation Switching Type
SAI01-1 SANKEN-SAI01-1 Datasheet
49Kb / 4P
   Surface-mount and Separate Excitation Type
SI-8000GL SANKEN-SI-8000GL_11 Datasheet
73Kb / 2P
   Compact, Separate Excitation Step-down Switching Mode
SI-8010GL SANKEN-SI-8010GL Datasheet
52Kb / 2P
   Compact, Separate Excitation Step-down Switching Mode
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com